Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ML620Q151A Datasheet(PDF) 15 Page - LAPIS Semiconductor Co., Ltd.

Part # ML620Q151A
Description  16-bit micro controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML620Q151A Datasheet(HTML) 15 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML620Q151A Datasheet HTML 11Page - LAPIS Semiconductor Co., Ltd. ML620Q151A Datasheet HTML 12Page - LAPIS Semiconductor Co., Ltd. ML620Q151A Datasheet HTML 13Page - LAPIS Semiconductor Co., Ltd. ML620Q151A Datasheet HTML 14Page - LAPIS Semiconductor Co., Ltd. ML620Q151A Datasheet HTML 15Page - LAPIS Semiconductor Co., Ltd. ML620Q151A Datasheet HTML 16Page - LAPIS Semiconductor Co., Ltd. ML620Q151A Datasheet HTML 17Page - LAPIS Semiconductor Co., Ltd. ML620Q151A Datasheet HTML 18Page - LAPIS Semiconductor Co., Ltd. ML620Q151A Datasheet HTML 19Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 36 page
background image
FEDL620Q150A-01
ML620Q151A/2A/3A/4A/5A/6A/7A/8A/9A
15/36
PIN DESCRIPTION
Pin name
I/O
Description
Primary/
Secondary/
Tertiary/
Quaternary
Logic
Power supply
VSS
— Negative power supply pin
—
—
VDD
— Positive power supply pin
—
—
VDDL
— Positive power supply pin for internal logic (internally generated). Connect
capacitors (CL) (see Measuring Circuit 1) between this pin and VSS .
—
—
Test
TEST0
I
Input/output pin for testing.
—
Positive
TEST1_N
I
Input/output pin for testing. This pin has a pull-up resistor built in.
—
Negative
System
RESET_N
I
Reset input pin. When this pin is set to a “L” level, the device is placed in system
reset mode and the internal circuit is initialized. If after that this pin is set to a “H”
level, program execution starts. This pin has a pull-up resistor built in.
—
Negative
XT0
I
—
—
XT1
O
Crystal connection pin for low-speed clock. A 32.768 kHz crystal oscillator (see
measuring circuit 1) is connected to this pin. Capacitors CDL and CGL are
connected across this pin and VSS as required.
—
—
LSCLK*
O
Low-speed clock output. This function is allocated to the secondary function of the
P20/P36/P65 pin.
Secondary
—
OUTCLK*
O
High-speed clock output. This function is allocated to the secondary function of
the P21/P37/P66 pin.
Secondary
—
General-purpose input port
P00 to P05*
I
P12
I
P13
I/O
P14
I
General-purpose input or output ports.
Primary
Positive
General-purpose output port
P20 to P23
O
General-purpose output ports. Provided with a secondary or tertiary or quaternary
function for each port. Cannot be used as ports if their secondary functions or
tertiary or quaternary are used.
Secondary/
Tertiary/
Quaternary
Positive
General-purpose input/output port
P30 to P37*
P40 to P47
P50 to P57*
P60 to P67*
P70 to P74*
P80 to P87
I/O General-purpose output ports. Provided with a secondary or tertiary or quaternary
function for each port. Cannot be used as ports if their secondary functions or
tertiary or quaternary are used.
Secondary/
Tertiary/
Quaternary
Positive
*: ML620Q15XA have a different pin configuration for each package. See “LIST OF PINS” for more details.
Pin name
I/O
Description
Primary/
Secondary/
Tertiary/
Logic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com