| Electronic Components Datasheet Search |
|
ML620Q151A Datasheet(PDF) 17 Page - LAPIS Semiconductor Co., Ltd. |
|
|
|||||||||||||||||||||||||||||
ML620Q151A Datasheet(HTML) 17 Page - LAPIS Semiconductor Co., Ltd. |
|
17 / 36 page ![]() FEDL620Q150A-01 ML620Q151A/2A/3A/4A/5A/6A/7A/8A/9A 17/36 Pin name I/O Description Primary/ Secondary Logic External interrupt EXI0∼7* I External maskable interrupt input pins. The interrupt is enabled and interrupt edge is selectable by the software for each bit. Allocated to the primary function of the P00 to P05 and P30 to P31. Primary Positive/ Negative Timer T16CK0 I External clock input pin for 16bit timer 8, timer A and PWM6. Allocated to the primary function of the P46 pin. Primary — T16CK1 I External clock input pin for 16bit timer 9, timer B and PWM7. Allocated to the primary function of the P47 pin. Primary — TMHAOUT O 16bit timer A output pin. Allocated to the tertiary function of the P22 andn P60. Tertiary Positive TMHBOUT O 16bit timer B output pin. Allocated to the tertiary function of the P23 and P61. Tertiary Positive LED drive LED0 to LED3 O Pins for LED driving. Allocated to the primary function of the P20 to P23 pins. Primary Positive/ Negative Successive-approximation type A/D converter VREF I Reference power supply pin for successive approximation type A/D converter. — — AIN0 to AIN11 I Analog inputs to Ch0–Ch11 of the successive-approximation type A/D converter. Allocated to the secondary function of the P30 to P35 and P42 to P47 pins. — — Analog Comparator CMP0P I Non-inverting input for comparator0. This pin is used as the primary function of the P41 pin. — — CMP0M I Inverting input for comparator0. This pin is used as the primary function of the P40 pin. — — *: ML620Q15XA have a different pin configuration for each package. See “LIST OF PINS” for more details. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |