Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ML620Q151A Datasheet(PDF) 23 Page - LAPIS Semiconductor Co., Ltd.

Part # ML620Q151A
Description  16-bit micro controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML620Q151A Datasheet(HTML) 23 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML620Q151A Datasheet HTML 19Page - LAPIS Semiconductor Co., Ltd. ML620Q151A Datasheet HTML 20Page - LAPIS Semiconductor Co., Ltd. ML620Q151A Datasheet HTML 21Page - LAPIS Semiconductor Co., Ltd. ML620Q151A Datasheet HTML 22Page - LAPIS Semiconductor Co., Ltd. ML620Q151A Datasheet HTML 23Page - LAPIS Semiconductor Co., Ltd. ML620Q151A Datasheet HTML 24Page - LAPIS Semiconductor Co., Ltd. ML620Q151A Datasheet HTML 25Page - LAPIS Semiconductor Co., Ltd. ML620Q151A Datasheet HTML 26Page - LAPIS Semiconductor Co., Ltd. ML620Q151A Datasheet HTML 27Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 36 page
background image
FEDL620Q150A-01
ML620Q151A/2A/3A/4A/5A/6A/7A/8A/9A
23/36
DC Characteristics (VOHL, IOHL)
(VDD=1.8 to 5.5V, VSS =0V, Ta=−40 to +105°C, unless otherwise specified)
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
Measuring
circuit
VOH1
IOH1 =
−0.5mA
VDD
−0.5
―
―
Output voltage 1
(P20 to P23)
(P30 to P37)*
(P40 to P47)
(P50 to P57)*
(P60 to P67)*
(P70 to P74)*
(P80 to P87)
VOL1
IOL1 = +0.5mA
―
―
0.5
IOL2 = +10mA
VDD ≥ 5.0V
―
―
0.5
Output voltage 2
(P20–P23)
VOL2
When LED drive
mode
is selected
IOL2 = +8mA
VDD ≥ 3.0V
―
―
0.5
IOL3 = +3mA
VDD ≥ 2.0V
―
―
0.4
Output voltage 3
(P40 to P41)
(P50 to P51)*
(P60 to P61)*
(P80 to P81)
VOL3
When I
2C mode
is selected
IOL3 = +2mA
2.0V > VDD ≥ 1.8V
―
―
VDD*
0.2
V
2
IOOH
VOH = VDD
(in high-impedance state)
―
―
1
Output leakage
current
(P20 to P23)
(P30 to P37)*
(P40 to P47)
(P50 to P57)*
(P60 to P67)*
(P70 to P74)*
(P80 to P87)
IOOL
VOL = VSS
(in high-impedance state)
−1
―
―
µA
3
DC Characteristics (IIHL)
(VDD=1.8 to 5.5V, VSS =0V, Ta=−40 to +105°C, unless otherwise specified)
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
Measuring
circuit
IIH1
VIH1 = VDD
0
―
1
Input current 1
(RESET_N)
(TEST1_N)
IIL1
VIL1 = VSS
−1500
−300
−20
IIH2
VIH2 = VDD (when pulled down)
2
30
250
IIL2
VIL2 = VSS (when pulled up)
−250
−30
−2
IIH2Z
VIH2 = VDD
(in high-impedance state)
―
―
1
Input current 2
(P00 to P05)*
(P30 to P37)*
(P40 to P47)
(P50 to P57)*
(P60 to P67)*
(P70 to P74)*
(P80 to P87)
IIL2Z
VIL2 = VSS
(in high-impedance state)
-1
―
―
µA
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com