Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST72774 Datasheet(PDF) 77 Page - STMicroelectronics

Part # ST72774
Description  8-BIT USB MCU FOR MONITORS, WITH UP TO 60K OTP, 1K RAM, ADC, TIMER, SYNC, TMU, PWM/BRM, H/W DDC & I2C
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72774 Datasheet(HTML) 77 Page - STMicroelectronics

Back Button ST72774 Datasheet HTML 73Page - STMicroelectronics ST72774 Datasheet HTML 74Page - STMicroelectronics ST72774 Datasheet HTML 75Page - STMicroelectronics ST72774 Datasheet HTML 76Page - STMicroelectronics ST72774 Datasheet HTML 77Page - STMicroelectronics ST72774 Datasheet HTML 78Page - STMicroelectronics ST72774 Datasheet HTML 79Page - STMicroelectronics ST72774 Datasheet HTML 80Page - STMicroelectronics ST72774 Datasheet HTML 81Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 144 page
background image
ST72774/ST727754/ST72734
77/144
TIMING MEASUREMENT UNIT (Cont’d)
4.5.4 Register Description
CONTROL STATUS REGISTER (TMUCSR)
Bit 7:2 - Read only
Bit 1:0 - Read/Write
Reset Value: 1111 1100 (FCh)
Bit 7:5 = T2[10:8]
MSB of T2 Counter.
Most Significant Bits of the T2 counter value (see
T2 Counter register description).
Bit 4:2= T1[10:8]
MSB T1 Counter.
Most Significant Bits of the T1 counter value (see
T1 Counter register description).
Bit 1 = H_V
Horizontal or Vertical Measurement.
This bit is set and cleared by software to select the
type of measurement. It cannot be modified while
the START bit = 1 (measurement in progress).
0: Vertical measurement.
1: Horizontal measurement.
Bit 0 = START
Start measurement.
This bit is set by software and cleared by hardware
when the measurements are completed. It can not
be cleared by software.
0: Measurement done.
1: Start measurement.
T1 COUNTER REGISTER (TMUT1CR)
Read Only
Reset Value: 1111 1111 (FFh)
This is an 8-bit register that contains the low part of
the counter value.
When a T1 measurement is finished (rising edge
on AV input), the 11-bit counter value is transferred
to this register and to the T1[10:8] bits in the CSR
register.
T1 is H1 value if the H_V bit = 1.
T1 is V1 value if the H_V bit = 0.
T2 COUNTER REGISTER (TMUT2CR)
Read Only
Reset Value: 1111 1111(FFh)
This is an 8-bit register that contains the low part of
the counter value.
When a T2 measurement is finished (rising edge
on the selected sync signal), the 11-bit counter
value is transferred to this register and to the
T2[10:8] bits in the CSR register.
T2 is H2 value if the H_V bit = 1.
T2 is V2 value if the H_V bit = 0.
70
T2[10] T2[9] T2[8] T1[10] T1[9] T1[8]
H_V START
70
T1[7]
T1[0]
70
T2[7]
T2[0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com