Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST72774 Datasheet(PDF) 91 Page - STMicroelectronics

Part # ST72774
Description  8-BIT USB MCU FOR MONITORS, WITH UP TO 60K OTP, 1K RAM, ADC, TIMER, SYNC, TMU, PWM/BRM, H/W DDC & I2C
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72774 Datasheet(HTML) 91 Page - STMicroelectronics

Back Button ST72774 Datasheet HTML 87Page - STMicroelectronics ST72774 Datasheet HTML 88Page - STMicroelectronics ST72774 Datasheet HTML 89Page - STMicroelectronics ST72774 Datasheet HTML 90Page - STMicroelectronics ST72774 Datasheet HTML 91Page - STMicroelectronics ST72774 Datasheet HTML 92Page - STMicroelectronics ST72774 Datasheet HTML 93Page - STMicroelectronics ST72774 Datasheet HTML 94Page - STMicroelectronics ST72774 Datasheet HTML 95Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 144 page
background image
ST72774/ST727754/ST72734
91/144
I²C SINGLE MASTER BUS INTERFACE (Cont’d)
4.7.5 Register Description
I2C CONTROL REGISTER (CR)
Read / Write
Reset Value: 0000 0000 (00h)
Bit 7:6 = Reserved. Forced to 0 by hardware.
Bit 5 = PE
Peripheral enable.
This bit is set and cleared by software.
0: Peripheral disabled
1: Master capability
Note: When PE=0, all the bits of the CR register and the
SR register except the Stop bit are reset. All outputs
are released while PE=0
Note: When PE=1, the corresponding I/O pins are select-
ed by hardware as alternate functions.
Note: To enable the I2C interface, write the CR register
TWICE with PE=1 as the first write only activates
the interface (only PE is set).
Bit 4 = Reserved. Forced to 0 by hardware.
Bit 3 = START
Generation of a Start condition.
This bit is set and cleared by software. It is also
cleared by hardware when the interface is disabled
(PE=0) or when the Start condition is sent (with
interrupt generation if ITE=1).
In master mode:
0: No start generation
1: Repeated start generation
In idle mode:
0: No start generation
1: Start generation when the bus is free
Bit 2 = ACK
Acknowledge enable.
This bit is set and cleared by software. It is also
cleared by hardware when the interface is disabled
(PE=0).
0: No acknowledge returned
1: Acknowledge returned after a data byte is re-
ceived
Bit 1 = STOP
Generation of a Stop condition.
This bit is set and cleared by software. It is also
cleared by hardware when the interface is disabled
(PE=0) or when the Stop condition is sent.
In Master mode only:
0: No stop generation
1: Stop generation after the current byte transfer
or after the current Start condition is sent.
Bit 0 = ITE
Interrupt enable.
This bit is set and cleared by software and cleared
by hardware when the interface is disabled
(PE=0).
0: Interrupts disabled
1: Interrupts enabled
Refer to Figure 55 for the relationship between the
events and the interrupt.
SCL is held low when the SB or BTF flags or an
EV2 event (See Figure 54) is detected.
70
0
0
PE
0
START
ACK
STOP
ITE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com