Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST72774 Datasheet(PDF) 12 Page - STMicroelectronics

Part # ST72774
Description  8-BIT USB MCU FOR MONITORS, WITH UP TO 60K OTP, 1K RAM, ADC, TIMER, SYNC, TMU, PWM/BRM, H/W DDC & I2C
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72774 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button ST72774 Datasheet HTML 8Page - STMicroelectronics ST72774 Datasheet HTML 9Page - STMicroelectronics ST72774 Datasheet HTML 10Page - STMicroelectronics ST72774 Datasheet HTML 11Page - STMicroelectronics ST72774 Datasheet HTML 12Page - STMicroelectronics ST72774 Datasheet HTML 13Page - STMicroelectronics ST72774 Datasheet HTML 14Page - STMicroelectronics ST72774 Datasheet HTML 15Page - STMicroelectronics ST72774 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 144 page
background image
ST72774/ST727754/ST72734
12/144
0025h
0026h
0027h
0028h
0029h
002Ah
002Bh
002Ch
002Dh
002Eh
002Fh
0030h
0031h
USB
USBPIDR
USBDMAR
USBIDR
USBISTR
USBIMR
USBCTLR
USBDADDR
USBEP0RA
USBEP0RB
USBEP1RA
USBEP1RB
USBEP2RA
USBEP2RB
USB PID Register
USB DMA address Register
USB Interrupt/DMA Register
USB Interrupt Status Register
USB Interrupt Mask Register
USB Control Register
USB Device Address Register
USB Endpoint 0 Register A
USB Endpoint 0 Register B
USB Endpoint 1 Register A
USB Endpoint 1 Register B
USB Endpoint 2 Register A
USB Endpoint2 Register B
XXh
XXh
XXh
00h
00h
xxxx 0110
00h
0000 xxxx
80h
0000 xxxx
0000
xxxx0000
0000
xxxx0000
Read only
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
0032h
0033h
0034h
0035h
0036h
0037h
0038h
0039h
003Ah
003Bh
003Ch
003Dh
003Eh
PWM
PWM1
BRM21
PWM2
PWM3
BRM43
PWM4
PWM5
BRM65
PWM6
PWM7
BRM87
PWM8
PWMCR
10 BIT PWM / BRM
PWM output enable register
80h
00h
80h
80h
00h
80h
80h
00h
80h
80h
00h
80h
00h
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
003Fh
Reserved Area (1 byte)
0040h
0041h
0042h
0043h
0044h
0045h
0046h
0047h
SYNC
SYNCCFGR
SYNCMCR
SYNCCCR
SYNCPOLR
SYNCLATR
SYNCHGENR
SYNCVGENR
SYNCENR
SYNC Configuration Register
SYNC Multiplexer Register
SYNC Counter Register
SYNC Polarity Register
SYNC Latch Register
SYNC H Sync Generator Register
SYNC V Sync Generator Register
SYNC Processor Enable Register
00h
20h
00h
08h
00h
00h
00h
C3h
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
0048h
to
004Fh
Reserved Area (8 bytes)
Address
Block
Register Label
Register Name
Reset
Status
Remarks



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com