Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST72754S7T1 Datasheet(PDF) 7 Page - STMicroelectronics

Part # ST72754S7T1
Description  8-BIT USB MCU FOR MONITORS, WITH UP TO 60K OTP, 1K RAM, ADC, TIMER, SYNC, TMU, PWM/BRM, H/W DDC & I2C
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72754S7T1 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button ST72754S7T1 Datasheet HTML 3Page - STMicroelectronics ST72754S7T1 Datasheet HTML 4Page - STMicroelectronics ST72754S7T1 Datasheet HTML 5Page - STMicroelectronics ST72754S7T1 Datasheet HTML 6Page - STMicroelectronics ST72754S7T1 Datasheet HTML 7Page - STMicroelectronics ST72754S7T1 Datasheet HTML 8Page - STMicroelectronics ST72754S7T1 Datasheet HTML 9Page - STMicroelectronics ST72754S7T1 Datasheet HTML 10Page - STMicroelectronics ST72754S7T1 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 144 page
background image
ST72774/ST727754/ST72734
7/144
1.2 PIN DESCRIPTION
Figure 2. 44-pin TQFP and 42-Pin SDIP Package Pinouts
44 43 42 41 40 39 38 37 36 35 34
33
32
31
30
29
28
27
26
25
24
23
12 13 14 15 16 17 18 19 20 21 22
1
2
3
4
5
6
7
8
9
10
11
AIN1 / PB5
AIN0 / PB4
NC
VDD
USBVCC
USBDM
USBDP
PWM7 / PC6
PWM8 / PC7
PWM2 / AIN3 / PB7
PWM1 / AIN2 / PB6
OSCIN
OSCOUT
PA7 / BLANKOUT
PB3 / SDAI
PB2 / SCLI
PB1 / SDAD
NC
PA3
PA4
PA5
PA6
38
37
36
35
34
33
32
31
30
29
28
27
16
15
1
2
3
4
5
6
7
8
9
10
11
12
13
14
39
40
41
42
HSYNCDIV / PC0
AV / PC1
USBDP
USBDM
USBVCC
VDD
AIN0 / PB4
AIN1 / PB5
PWM1 / AIN2 / PB6
PWM7 / PC6
PWM6 / PC5
PWM5 / PC4
PWM4 / PC3
PWM3 / PC2
PWM2 / AIN3 / PB7
PWM8 / PC7
PA0 / OCMP1
TEST / VPP
PB0 / SCLD
PB1 / SDAD
PB2 / SCLI
PB3 / SDAI
PA7 / BLANKOUT
OSCOUT
OSCIN
PA4
PA3
PA2/VSYNCI2
PA1
RESET
PA5
PA6
21
20
17
18
19
HSYNCO / PD1
VSYNCO / PD0
VSYNCI
HSYNCI
VSS
26
25
24
23
22
PD2 / CSYNCI
PD3 / ITA / VFBACK
PD4 / ITB
PD5 / HFBACK
PD6 / CLAMPOUT
NC = Not connected
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com