Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST72754S7T1 Datasheet(PDF) 33 Page - STMicroelectronics

Part # ST72754S7T1
Description  8-BIT USB MCU FOR MONITORS, WITH UP TO 60K OTP, 1K RAM, ADC, TIMER, SYNC, TMU, PWM/BRM, H/W DDC & I2C
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72754S7T1 Datasheet(HTML) 33 Page - STMicroelectronics

Back Button ST72754S7T1 Datasheet HTML 29Page - STMicroelectronics ST72754S7T1 Datasheet HTML 30Page - STMicroelectronics ST72754S7T1 Datasheet HTML 31Page - STMicroelectronics ST72754S7T1 Datasheet HTML 32Page - STMicroelectronics ST72754S7T1 Datasheet HTML 33Page - STMicroelectronics ST72754S7T1 Datasheet HTML 34Page - STMicroelectronics ST72754S7T1 Datasheet HTML 35Page - STMicroelectronics ST72754S7T1 Datasheet HTML 36Page - STMicroelectronics ST72754S7T1 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 144 page
background image
ST72774/ST727754/ST72734
33/144
I/O PORTS (Cont’d)
4.1.5 Port C
The available port pins of port C may be used as
general purpose I/O.
The alternate functions are the PWM outputs for
PC2:7, HSYNCDIV (HSYNCO divided by 2) for
PC0 and the TMU input for PC1.
Table 10. Port C Description
PORT C
I / O
Alternate Function
Input*
Output
Signal
Condition
PC0
With pull-up
Push-pull
HSYNCDIV (push-pull)
HSYNCDIVEN
=1
(MISCR)
PC1
With pull-up
Push-pull
AV (active video) input (TMU)
-
PC2
With pull-up
Push-pull
10-bit output 3 (PWM)
OE2=1
(PWMOE)
PC3
With pull-up
Push-pull
10-bit output 4 (PWM)
OE3=1
(PWMOE)
PC4
With pull-up
Push-pull
10-bit output 5 (PWM)
OE4=1
(PWMOE)
PC5
With pull-up
Push-pull
10-bit output 6 (PWM)
OE5=1
(PWMOE)
PC6
With pull-up
Push-pull
10-bit output 7 (PWM)
OE6=1
(PWMOE)
PC7
With pull-up
Push-pull
10-bit output 8 (PWM)
OE7=1
(PWMOE)
* Reset State



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com