Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST72754S7T1 Datasheet(PDF) 36 Page - STMicroelectronics

Part # ST72754S7T1
Description  8-BIT USB MCU FOR MONITORS, WITH UP TO 60K OTP, 1K RAM, ADC, TIMER, SYNC, TMU, PWM/BRM, H/W DDC & I2C
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72754S7T1 Datasheet(HTML) 36 Page - STMicroelectronics

Back Button ST72754S7T1 Datasheet HTML 32Page - STMicroelectronics ST72754S7T1 Datasheet HTML 33Page - STMicroelectronics ST72754S7T1 Datasheet HTML 34Page - STMicroelectronics ST72754S7T1 Datasheet HTML 35Page - STMicroelectronics ST72754S7T1 Datasheet HTML 36Page - STMicroelectronics ST72754S7T1 Datasheet HTML 37Page - STMicroelectronics ST72754S7T1 Datasheet HTML 38Page - STMicroelectronics ST72754S7T1 Datasheet HTML 39Page - STMicroelectronics ST72754S7T1 Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 144 page
background image
ST72774/ST727754/ST72734
36/144
I/O PORTS (Cont’d)
Figure 23. PD2 to PD5
Figure 24. PD0 to PD1
DR
DDR
latch
latch
DR SEL
DDR SEL
VDD
PAD
PULL-UP
P-BUFFER
N-BUFFER
1
0
CMOS Schmitt Trigger
VFBACK Input
TTL Schmitt Trigger
VSS
alternate input
CSYNCI Input
HFBACK Input
DR
DDR
latch
latch
DR SEL
DDR SEL
VDD
PAD
Alternate enable
Alternate enable
Alternate enable
Alternate
Alternate input
PULL-UP
output
P-BUFFER
N-BUFFER
1
0
1
0
CMOS Schmitt Trigger
VSS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com