Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP73871-2AAI/ML Datasheet(PDF) 23 Page - Microchip Technology

Part # MCP73871-2AAI/ML
Description  Stand-Alone System Load Sharing and Li-Ion/Li-Polymer Battery Charge Management Controller
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP73871-2AAI/ML Datasheet(HTML) 23 Page - Microchip Technology

Back Button MCP73871-2AAI/ML Datasheet HTML 19Page - Microchip Technology MCP73871-2AAI/ML Datasheet HTML 20Page - Microchip Technology MCP73871-2AAI/ML Datasheet HTML 21Page - Microchip Technology MCP73871-2AAI/ML Datasheet HTML 22Page - Microchip Technology MCP73871-2AAI/ML Datasheet HTML 23Page - Microchip Technology MCP73871-2AAI/ML Datasheet HTML 24Page - Microchip Technology MCP73871-2AAI/ML Datasheet HTML 25Page - Microchip Technology MCP73871-2AAI/ML Datasheet HTML 26Page - Microchip Technology MCP73871-2AAI/ML Datasheet HTML 27Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 40 page
background image
 2008-2013 Microchip Technology Inc.
DS20002090C-page 23
MCP73871
4.4
Preconditioning
If the voltage at the VBAT pin is less than the
preconditioning threshold, the MCP73871 device
enters a preconditioning mode. The preconditioning
threshold is factory set. Refer to Section 1.0
“Electrical
Characteristics”
for
preconditioning
threshold options.
In this mode, the MCP73871 device supplies 10% of
the fast charge current (established with the value of
the resistor connected to the PROG1 pin) to the
battery.
When the voltage at the VBAT pin rises above the
preconditioning threshold, the MCP73871 device
enters the Constant Current (fast charge) mode.
4.5
Constant Current Mode – Fast
Charge
During the Constant Current mode, the programmed
charge current is supplied to the battery or load. The
charge current is established using a single resistor
from PROG1 to VSS. The program resistor and the
charge current are calculated using the following
equation:
EQUATION 4-1:
Constant Current mode is maintained until the voltage
at the VBAT pin reaches the regulation voltage, VREG.
When Constant Current mode is invoked, the internal
timer is reset.
4.5.1
TIMER EXPIRED DURING
CONSTANT CURRENT - FAST
CHARGE MODE
If the internal timer expires before the recharge voltage
threshold is reached, a timer fault is indicated and the
charge cycle terminates. The MCP73871 device
remains in this condition until the battery is removed. If
the battery is removed, the MCP73871 device enters
the Standby mode where it remains until a battery is
reinserted.
4.6
Constant Voltage Mode
When the voltage at the VBAT pin reaches the
regulation voltage, VREG, constant voltage regulation
begins. The regulation voltage is factory set to 4.10V
or 4.20V with a tolerance of ±0.5%.
4.7
Charge Termination
The Constant Voltage mode charge cycle terminates
either when the average charge current diminishes
below a threshold established by the value of the
resistor connected from PROG3 to VSS or when the
internal charge timer expires. When the charge cycle
terminates due to a fully charged battery, the charge
current is latched off and the MCP73871 device enters
the Charge Complete mode. A 1 ms filter time on the
termination comparator ensures that transient load
conditions do not result in premature charge cycle
termination. The timer period is factory set and can be
disabled.
Refer
to
Section 1.0
“Electrical
Characteristics” for timer period options.
The program resistor and the charge current are
calculated using the following equation:
EQUATION 4-2:
The recommended PROG3 resistor values are
between 5 k
 and 100 k.
4.8
Automatic Recharge
The MCP73871 device continuously monitors the
voltage at the VBAT pin in the charge complete mode. If
the voltage drops below the recharge threshold,
another charge cycle begins and current is supplied
again to the battery or load. The recharge threshold is
factory
set.
Refer
to
Section 1.0
“Electrical
Characteristics” for recharge threshold options.
I REG
1000V
RPROG1
--------------------
=
Where:
RPROG
=
kilo-ohms (k

IREG
=
milliampere (mA)
Note:
Charge
termination
and
automatic
recharge
features
avoid
constantly
charging Li-Ion batteries, resulting in
prolonged battery life while maintaining
full cell capacity.
I TERMINATION
1000V
RPROG3
--------------------
=
Where:
RPROG
=
kilo-ohms (k

IREG
=
milliampere (mA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com