Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP73871-2AAI/ML Datasheet(PDF) 29 Page - Microchip Technology

Part # MCP73871-2AAI/ML
Description  Stand-Alone System Load Sharing and Li-Ion/Li-Polymer Battery Charge Management Controller
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP73871-2AAI/ML Datasheet(HTML) 29 Page - Microchip Technology

Back Button MCP73871-2AAI/ML Datasheet HTML 25Page - Microchip Technology MCP73871-2AAI/ML Datasheet HTML 26Page - Microchip Technology MCP73871-2AAI/ML Datasheet HTML 27Page - Microchip Technology MCP73871-2AAI/ML Datasheet HTML 28Page - Microchip Technology MCP73871-2AAI/ML Datasheet HTML 29Page - Microchip Technology MCP73871-2AAI/ML Datasheet HTML 30Page - Microchip Technology MCP73871-2AAI/ML Datasheet HTML 31Page - Microchip Technology MCP73871-2AAI/ML Datasheet HTML 32Page - Microchip Technology MCP73871-2AAI/ML Datasheet HTML 33Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 40 page
background image
 2008-2013 Microchip Technology Inc.
DS20002090C-page 29
MCP73871
For example, by utilizing a 10 k
 at 25°C NTC
thermistor with a sensitivity index,
, of 3892, the
charge temperature range can be set to 0-50°C by
placing a 1.54 k
 resistor in series (RT1), and a
69.8 k
 resistor in parallel (RT2) with the thermistor.
6.1.1.6
Charge Status Interface
A status output provides information on the state of
charge. The output can be used to illuminate external
LEDs or interface to a host microcontroller. Refer to
Table 5-1 for a summary of the state of the status
output during a charge cycle.
6.1.1.7
System Load Current
The preferred discharge current for Lithium-Ion cells
should always follow references and guidance from
battery manufacturers. The recommended system
load should be the lesser of 1.0 amperes or the
maximum discharge rate of the selected Lithium-Ion
cell. This limits the safety concerns of power
dissipation
and
exceeding
the
manufacturer’s
maximum discharge rate of the cell.
The ideal diode between VBAT and OUT is designed to
drive a maximum current up to 2A. The built-in thermal
shutdown protection may turn the MCP73871 device
off with high current.
6.2
PCB Layout Issues
For optimum voltage regulation, it is recommended to
place the battery pack closest to the device’s VBAT and
VSS pins to minimize voltage drops along the high
current-carrying PCB traces.
If the PCB layout is used as a heatsink, adding many
vias in the heatsink pad can help conduct more heat to
the PCB backplane, thus reducing the maximum junc-
tion temperature.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com