Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP73871-2AAI/ML Datasheet(PDF) 26 Page - Microchip Technology

Part # MCP73871-2AAI/ML
Description  Stand-Alone System Load Sharing and Li-Ion/Li-Polymer Battery Charge Management Controller
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP73871-2AAI/ML Datasheet(HTML) 26 Page - Microchip Technology

Back Button MCP73871-2AAI/ML Datasheet HTML 22Page - Microchip Technology MCP73871-2AAI/ML Datasheet HTML 23Page - Microchip Technology MCP73871-2AAI/ML Datasheet HTML 24Page - Microchip Technology MCP73871-2AAI/ML Datasheet HTML 25Page - Microchip Technology MCP73871-2AAI/ML Datasheet HTML 26Page - Microchip Technology MCP73871-2AAI/ML Datasheet HTML 27Page - Microchip Technology MCP73871-2AAI/ML Datasheet HTML 28Page - Microchip Technology MCP73871-2AAI/ML Datasheet HTML 29Page - Microchip Technology MCP73871-2AAI/ML Datasheet HTML 30Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 40 page
background image
MCP73871
DS20002090C-page 26
 2008-2013 Microchip Technology Inc.
5.2.2
AC-DC ADAPTER AND USB PORT
POWER SOURCE REGULATION
SELECT (SEL)
With the SEL input Low, the MCP73871 device is
designed to provide system power and Li-Ion battery
charging from a USB input while adhering to the current
limits governed by the USB specification. The host
microcontroller has the option to select either
a 100 mA (L) or a 500 mA (H) current limit based on
the PROG2 input. With the SEL input High, the
MCP73871 device limits the input current to 1.8A. The
programmed charge current is established using a
single resistor from PROG1 to VSS when driving SEL
High.
5.2.3
USB PORT CURRENT
REGULATION SELECT (PROG2)
Driving the PROG2 input to a logic Low selects the low
USB port source current setting (maximum 100 mA).
Driving the PROG2 input to a logic High selects the
high USB port source current setting (maximum
500 mA).
5.2.4
POWER-GOOD (PG)
The power-good (PG) option is a pseudo open-drain
output. The PG output can sink current, but not source
current. The PG output must not be pulled up higher
than VIN because there is a diode path back to VIN. The
PG output is low whenever the input to the MCP73871
device is above the UVLO threshold and greater than
the battery voltage. The PG output can be used as an
indication to the system that an input source other than
the battery is supplying power.
5.2.5
TIMER ENABLE (TE) OPTION
The timer enable (TE) input option is used to enable or
disable the internal timer. A low signal on this pin
enables the internal timer and a high signal disables
the internal timer. The TE input can be used to disable
the timer when the charger is supplying current to
charge the battery and power the system load. The TE
input is compatible with 1.8V logic.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com