Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP73871-3CCI/ML Datasheet(PDF) 22 Page - Microchip Technology

Part # MCP73871-3CCI/ML
Description  Stand-Alone System Load Sharing and Li-Ion/Li-Polymer Battery Charge Management Controller
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP73871-3CCI/ML Datasheet(HTML) 22 Page - Microchip Technology

Back Button MCP73871-3CCI/ML Datasheet HTML 18Page - Microchip Technology MCP73871-3CCI/ML Datasheet HTML 19Page - Microchip Technology MCP73871-3CCI/ML Datasheet HTML 20Page - Microchip Technology MCP73871-3CCI/ML Datasheet HTML 21Page - Microchip Technology MCP73871-3CCI/ML Datasheet HTML 22Page - Microchip Technology MCP73871-3CCI/ML Datasheet HTML 23Page - Microchip Technology MCP73871-3CCI/ML Datasheet HTML 24Page - Microchip Technology MCP73871-3CCI/ML Datasheet HTML 25Page - Microchip Technology MCP73871-3CCI/ML Datasheet HTML 26Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 40 page
background image
MCP73871
DS20002090C-page 22
 2008-2013 Microchip Technology Inc.
Table 4-1 shows the chip behavior based upon the operating conditions.
TABLE 4-1:
CHIP BEHAVIOR REFERENCE TABLE
4.1
UnderVoltage Lockout (UVLO)
An internal undervoltage lockout (UVLO) circuit
monitors the input voltage and keeps the charger in
shutdown mode until the input supply rises above the
UVLO threshold.
In the event a battery is present when the input power
is applied, the input supply must rise approximately
100 mV above the battery voltage before the
MCP73871 device becomes operational.
The UVLO circuit places the device in Shutdown mode
if the input supply falls to within approximately 100 mV
of the battery voltage.
The UVLO circuit is always active. At any time the input
supply is below the UVLO threshold or falls within
approximately 100 mV of the voltage at the VBAT pin,
the MCP73871 device is placed in Shutdown mode.
During any UVLO condition, the battery reverse
discharge current is less than 2 μA.
4.2
System Load Sharing
The system load sharing feature gives the system
output pin (OUT) priority, allowing the system to power
up with deeply depleted battery packs.
With the SEL input active Low, the MCP73871 device
is designed to provide system power and Li-Ion battery
charging from a USB input while adhering to the current
limits governed by the USB specification.
With the SEL input active High, the MCP73871 device
limits the total supply current to 1.8A (system power
and charge current combined).
FIGURE 4-2:
System Load Sharing
Diagram.
4.3
Charge Qualification
For a charge cycle to begin, all UVLO conditions must
be met and a battery or output load must be present.
A charge current programming resistor must be
connected from PROG1 to VSS when SEL = High.
When SEL = Low, PROG2 needs to be tied High or
Low for proper operation.
VIN ? VBAT
CE
VBAT ? VOUT
State
1
VBAT > VIN
00
0
—
Shutdown
OFF
OFF
2
1
Battery
powered
system
ON
3
VIN > VBAT
0
0
X
—
Shutdown
OFF
4
VIN > VBAT
1
0
0
—
Shutdown
ON
OFF
OFF
5
1
Battery
powered
system
ON
6
1
0
VBAT < VOUT
Standby
ON
OFF
ON
OFF
7
VBAT > VOUT
IN + BAT
powered
system
ON
8
1
VBAT < VOUT
IN powered,
Charge
possible
OFF
ON/OFF
9
VBAT > VOUT
IN + BAT
powered
system
ON
OFF
0.2
Ideal
Diode,
Synchronous
Switch
Direction
Control
0.2
Current
Limit
Direction
Control
Charge
FET
System
Power
FET
VBAT
IN
OUT
Charge
Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com