Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP73871-3CCI/ML Datasheet(PDF) 6 Page - Microchip Technology

Part # MCP73871-3CCI/ML
Description  Stand-Alone System Load Sharing and Li-Ion/Li-Polymer Battery Charge Management Controller
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP73871-3CCI/ML Datasheet(HTML) 6 Page - Microchip Technology

Back Button MCP73871-3CCI/ML Datasheet HTML 2Page - Microchip Technology MCP73871-3CCI/ML Datasheet HTML 3Page - Microchip Technology MCP73871-3CCI/ML Datasheet HTML 4Page - Microchip Technology MCP73871-3CCI/ML Datasheet HTML 5Page - Microchip Technology MCP73871-3CCI/ML Datasheet HTML 6Page - Microchip Technology MCP73871-3CCI/ML Datasheet HTML 7Page - Microchip Technology MCP73871-3CCI/ML Datasheet HTML 8Page - Microchip Technology MCP73871-3CCI/ML Datasheet HTML 9Page - Microchip Technology MCP73871-3CCI/ML Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 40 page
background image
MCP73871
DS20002090C-page 6
 2008-2013 Microchip Technology Inc.
Current Regulation (Fast Charge Constant Current Mode)
AC-Adapter
Fast Charge
Current
IREG
90
100
110
mA
PROG1 = 10 k

TA = -5°C to +55°C, SEL = Hi
900
1000
1100
mA
PROG1 = 1 k

TA = -5°C to +55°C, SEL = Hi
USB Fast Charge
Current
IREG
80
90
100
mA
PROG2 = Low, SEL = Low,
(Note 2)
TA = -5°C to +55°C
400
450
500
mA
PROG2 = High, SEL = Low,
(Note 2)
TA = -5°C to +55°C
Input Current Limit Control (ICLC)
USB-Port Supply
Current Limit
ILIMIT_USB
80
90
100
mA
PROG2 = Low, SEL = Low
TA = -5°C to +55°C
400
450
500
mA
PROG2 = High, SEL = Low
TA = -5°C to +55°C
AC-DC Adapter Current
Limit
ILIMIT_AC
1500
1650
1800
mA
SEL = High, TA = -5°C to +55°C
Voltage Proportional Charge Control (VPCC - Input Voltage Regulation)
VPCC Input Threshold
VVPCC
—
1.23
—
V
IOUT = 10 mA
TA = -5°C to +55°C
VPCC Input Threshold
Tolerance
VRTOL
-3
—
+3
%
Input Leakage Current
ILK
—
0.01
1
μAVVPCC = VDD
Precondition Current Regulation (Trickle Charge Constant Current Mode)
Precondition Current
Ratio
IPREG/IREG
7.5
10
12.5
%
PROG1 = 1.0 k
 to 10 k
TA = -5°C to +55°C
Precondition Current
Threshold Ratio
VPTH/VREG
69
72
75
%
VBAT Low-to-High
Precondition Hysteresis
VPHYS
—
105
—
mV
VBAT High-to-Low
Automatic Charge Termination Set Point
Charge Termination
Current Ratio
ITERM
75
100
125
mA
PROG3 = 10 k
TA = -5°C to +55°C
7.5
10
12.5
mA
PROG3 = 100 k
TA = -5°C to +55°C
Automatic Recharge
Recharge Voltage
Threshold Ratio
VRTH
VREG – 0.21V VREG – 0.15V VREG – 0.09V
V
VBAT High-to-Low
IN-to-OUT Pass Transistor ON-Resistance
ON-Resistance
RDS_ON
—
200
—
m
VDD = 4.5V, TJ = 105°C
DC CHARACTERISTICS (CONTINUED)
Electrical Specifications: Unless otherwise indicated, all limits apply for VIN = VREG + 0.3V to 6V, TA = -40°C to +85°C.
Typical values are at +25°C, VIN = [VREG (typical) + 1.0V]
Parameters
Sym
Min
Typ
Max
Units
Conditions
Note 1:
The value is ensured by design and not production tested.
2:
The maximum available charge current is also limited by the value set at PROG1 input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com