Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP73871-3CCI/ML Datasheet(PDF) 1 Page - Microchip Technology

Part # MCP73871-3CCI/ML
Description  Stand-Alone System Load Sharing and Li-Ion/Li-Polymer Battery Charge Management Controller
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP73871-3CCI/ML Datasheet(HTML) 1 Page - Microchip Technology

  MCP73871-3CCI/ML Datasheet HTML 1Page - Microchip Technology MCP73871-3CCI/ML Datasheet HTML 2Page - Microchip Technology MCP73871-3CCI/ML Datasheet HTML 3Page - Microchip Technology MCP73871-3CCI/ML Datasheet HTML 4Page - Microchip Technology MCP73871-3CCI/ML Datasheet HTML 5Page - Microchip Technology MCP73871-3CCI/ML Datasheet HTML 6Page - Microchip Technology MCP73871-3CCI/ML Datasheet HTML 7Page - Microchip Technology MCP73871-3CCI/ML Datasheet HTML 8Page - Microchip Technology MCP73871-3CCI/ML Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
 2008-2013 Microchip Technology Inc.
DS20002090C-page 1
MCP73871
Features
• Integrated System Load Sharing and Battery
Charge Management
- Simultaneously Power the System and
Charge the Li-Ion Battery
- Voltage Proportional Current Control (VPCC)
ensures system load has priority over Li-Ion
battery charge current
- Low-Loss Power-Path Management with
Ideal Diode Operation
• Complete Linear Charge Management Controller
- Integrated Pass Transistors
- Integrated Current Sense
- Integrated Reverse Discharge Protection
- Selectable Input Power Sources: USB Port or
AC-DC Wall Adapter
• Preset High Accuracy Charge Voltage Options:
- 4.10V, 4.20V, 4.35V or 4.40V
- ±0.5% Regulation Tolerance
• Constant Current/Constant Voltage (CC/CV)
Operation with Thermal Regulation
• Maximum 1.8A Total Input Current Control
• Resistor Programmable Fast Charge Current
Control: 50 mA to 1A
• Resistor Programmable Termination Set Point
• Selectable USB Input Current Control
- Absolute Maximum: 100 mA (L)/500 mA (H)
• Automatic Recharge
• Automatic End-of-Charge Control
• Safety Timer With Timer Enable/Disable Control
• 0.1C Preconditioning for Deeply Depleted Cells
• Battery Cell Temperature Monitor
• Undervoltage Lockout (UVLO)
• Low Battery Status Indicator (LBO)
• Power-Good Status Indicator (PG)
• Charge Status and Fault Condition Indicators
• Numerous Selectable Options Available for a
Variety of Applications:
- Refer to Section 1.0 “Electrical
Characteristics” for Selectable Options
- Refer to the Product Identification System
for Standard Options
• Temperature Range: -40°C to +85°C
• Packaging: 20-Lead QFN (4 mm x 4 mm)
Applications
• GPSs/Navigators
• PDAs and Smart Phones
• Portable Media Players and MP3 Players
• Digital Cameras
• Bluetooth Headsets
• Portable Medical Devices
• Charge Cradles/Docking Stations
• Toys
Description
The MCP73871 device is a fully integrated linear
solution for system load sharing and Li-Ion/Li-Polymer
battery charge management with AC-DC wall adapter
and USB port power sources selection. It is also
capable of autonomous power source selection
between input and battery. Along with its small physical
size, the low number of required external components
makes the device ideally suited for portable
applications.
The MCP73871 device automatically obtains power for
the system load from a single-cell Li-Ion battery or an
input power source (AC-DC wall adapter or USB port).
The MCP73871 device specifically adheres to the
current drawn limits governed by the USB specification.
With an AC-DC wall adapter providing power to the
system, an external resistor sets the magnitude of 1A
maximum charge current while supporting up to 1.8A
total current for system load and battery charge
current.
The
MCP73871
device
employs
a
constant-
current/constant-voltage (CC/CV) charge algorithm
with
selectable
charge
termination
point.
To
accommodate new and emerging battery charging
requirements, the constant voltage regulation is fixed
with four available options: 4.10V, 4.20V, 4.35V or
4.40V. The MCP73871 device also limits the charge
current based on the die temperature during high
power or high ambient conditions. This thermal
regulation optimizes the charge cycle time while
maintaining device reliability.
The MCP73871 device includes a low battery indicator,
a power-good indicator and two charge status
indicators that allow for outputs with LEDs or
communication
with
host
microcontrollers.
The
MCP73871 device is fully specified over the ambient
temperature range of -40°C to +85°C.
Stand-Alone System Load Sharing and Li-Ion/Li-Polymer Battery Charge
Management Controller


Similar Part No. - MCP73871-3CCI/ML

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP73871-3CCI/ML MICROCHIP-MCP73871-3CCI/ML Datasheet
670Kb / 38P
Stand-Alone System Load Sharing and Li-Ion / Li-Polymer Battery Charge Management Controller
2009
More results

Similar Description - MCP73871-3CCI/ML

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP73833 MICROCHIP-MCP73833 Datasheet
1Mb / 26P
Stand-Alone Linear Li-Ion / Li-Polymer Charge Management Controller
2006
MCP73837 MICROCHIP-MCP73837 Datasheet
842Kb / 30P
Advanced Stand-Alone Li-Ion / Li-Polymer Battery Charge Management Controller with Autonomous AC-Adapter or USB-Port Source Selection
2007
MCP73833 MICROCHIP-MCP73833_09 Datasheet
1Mb / 32P
Stand-Alone Linear Li-Ion / Li-Polymer Charge Management Controller
2009
MCP73871 MICROCHIP-MCP73871 Datasheet
670Kb / 38P
Stand-Alone System Load Sharing and Li-Ion / Li-Polymer Battery Charge Management Controller
2009
logo
Silicon Standard Corp.
SS4035G SSC-SS4035G Datasheet
802Kb / 11P
Two-Cell Li-Ion and Li-Polymer Charge Management IC
logo
Texas Instruments
BQ24170 TI-BQ24170 Datasheet
2Mb / 35P
1.6-MHz Synchronous Switch-Mode Li-Ion and Li-Polymer Stand-Alone Battery Charger
BQ24170RGYT TI1-BQ24170RGYT Datasheet
2Mb / 40P
1.6-MHz Synchronous Switch-Mode Li-Ion and Li-Polymer Stand-Alone Battery Charger
logo
Microchip Technology
MCP73833T-AMI MICROCHIP-MCP73833T-AMI Datasheet
1Mb / 26P
Stand-Alone Linear Li-Ion / Li-Polymer Charge Management Controller
08/29/06
MCP73837 MICROCHIP-MCP73837_15 Datasheet
1Mb / 36P
Advanced Stand-Alone Li-Ion/Li-Polymer Battery Charge Management Controller with Autonomous AC Adapter or USB Port Source Selection
07/14/15
MCP73871 MICROCHIP-MCP73871_V01 Datasheet
1,009Kb / 36P
Stand-Alone System Load Sharing and Li-Ion/Li-Polymer Battery Charge Management Controller
Revision F February 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com