Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RT9182 Datasheet(PDF) 6 Page - Richtek Technology Corporation

Part # RT9182
Description  DUAL, LOW-NOISE, 200mA LDO REGULATOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9182 Datasheet(HTML) 6 Page - Richtek Technology Corporation

Back Button RT9182 Datasheet HTML 2Page - Richtek Technology Corporation RT9182 Datasheet HTML 3Page - Richtek Technology Corporation RT9182 Datasheet HTML 4Page - Richtek Technology Corporation RT9182 Datasheet HTML 5Page - Richtek Technology Corporation RT9182 Datasheet HTML 6Page - Richtek Technology Corporation RT9182 Datasheet HTML 7Page - Richtek Technology Corporation RT9182 Datasheet HTML 8Page - Richtek Technology Corporation RT9182 Datasheet HTML 9Page - Richtek Technology Corporation RT9182 Datasheet HTML 10Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
RT9182
Preliminary
www.richtek-ic.com.tw
DS9182-02 April 2002
6
Functional Description
The RT9182 is integrated with two low noise, low
dropout, and low quiescent current linear regulators
designed primarily for battery-powered applications.
Output voltages are optional ranging from 1.5V to
3.3V, and each channel can supply current up to
200mA.
Shutdown
The RT9182 is shutdown by pulling the SHDN input
low, and turned on by driving the input high. If this
feature is not to be used, the SHDN input should be
tied to VIN to keep the regulator on at all times (the
SHDN input must not be left floating).
Internal P-Channel Pass Transistor
The RT9182 features double typical 1.5
Ω P-channel
MOSFET pass transistors. It provides several
advantages over similar designs using PNP pass
transistors, including longer battery life. The P-
channel MOSFET requires no base drive, which
reduces quiescent current considerably. PNP-based
regulators waste considerable current in dropout
when the pass transistor saturates. They also use
high base-drive currents under large loads. The
RT9182 does not suffer from these problems and
consume only 165
µA of quiescent current whether in
dropout, light-load, or heavy-load applications.
Current Limit and Thermal Protection
The RT9182 includes two independent current limit
structure which monitor and control each pass
transistor’s gate voltage limiting the guaranteed
maximum output current to 200mA minimum.
Thermal-overload
protection
limits
total
power
dissipation in the RT9182. When the junction
temperature exceeds TJ = +140°C, the thermal
sensor signals the shutdown logic turning off the
pass transistor and allowing the IC to cool. The
thermal sensor will turn the pass transistor on again
after the IC’s junction temperature cools by 10°C,
resulting in a pulsed output during continuous
thermal-overload
conditions.
Thermal-overloaded
protection is designed to protect the RT9182 in the
event of fault conditions. Do not exceed the absolute
maximum junction-temperature rating of TJ = +150°C
for continuous operation. The output can be shorted
to ground for an indefinite amount of time without
damaging the part by cooperation of current limit and
thermal protection.
Operating Region and Power Dissipation
The maximum power dissipation of RT9182 depends
on the thermal resistance of the case and circuit
board, the temperature difference between the die
junction and ambient air, and the rate of airflow. The
power dissipation across the device is
P = IOUT (VIN - VOUT).
The maximum power dissipation is:
PMAX = (TJ - TA) /
θJA
where TJ - TA is the temperature difference between
the RT9182 die junction and the surrounding
environment,
θJA is the thermal resistance from the
junction to the surrounding environment. The GND
pin of the RT9182 performs the dual function of
providing an electrical connection to ground and
channeling heat away. Connect the GND pin to
ground using a large pad or ground plane.
Low-Noise Operation
An external 10nF bypass capacitor at BP, in
conjunction with an internal resistor, creates a
lowpass filter. The RT9182 exhibits 29
µVRMS of
output voltage noise with CBP = 10nF and COUT =
2.2
µF.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com