Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RT9182 Datasheet(PDF) 3 Page - Richtek Technology Corporation

Part # RT9182
Description  DUAL, LOW-NOISE, 200mA LDO REGULATOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9182 Datasheet(HTML) 3 Page - Richtek Technology Corporation

  RT9182 Datasheet HTML 1Page - Richtek Technology Corporation RT9182 Datasheet HTML 2Page - Richtek Technology Corporation RT9182 Datasheet HTML 3Page - Richtek Technology Corporation RT9182 Datasheet HTML 4Page - Richtek Technology Corporation RT9182 Datasheet HTML 5Page - Richtek Technology Corporation RT9182 Datasheet HTML 6Page - Richtek Technology Corporation RT9182 Datasheet HTML 7Page - Richtek Technology Corporation RT9182 Datasheet HTML 8Page - Richtek Technology Corporation RT9182 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Preliminary
RT9182
DS9182-02 April 2002
www.richtek-ic.com.tw
3
Absolute Maximum Ratings
Input Voltage
7V
Power Dissipation, PD @ TA = 25
°C
SOT-26
748mW
Junction Temperature Range
-40
°C ~ 125°C
Storage Temperature Range
-65
°C ~ 150°C
Operating Temperature Range
-40
°C ~ 85°C
Lead Temperature (Soldering, 10 sec.)
260
°C
Electrical Characteristics
(VIN = 3.6V, CIN = COUT = 2.2
µF, SHDN = VIN, typical values at TA = 25°C, for each LDO unless otherwise specified.)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
Input Voltage Range
VIN
2.7
--
6.5
V
Output Voltage Accuracy
(Load Regulation)
∆VOUT IL = 1mA to 200mA
-2
--
+2
%
Maximum Output Current
IMAX
Continuous
200
--
--
mA
Current Limit
ILIMIT
RLOAD = 1
Ω
200
--
550
mA
No Load
--
165
260
µA
GND Pin Current
IG
IOUT = 100mA (Both LDOs)
--
165
260
µA
IOUT = 1mA
--
1.2
--
mV
IOUT = 100mA
--
120
--
mV
Dropout Voltage
(Note)
VDROP
IOUT = 200mA
--
255
--
mV
Line Regulation
∆VLINE
VIN = (VOUT +0.4V or 2.7V) to 6.5V
IOUT = 1mA
-0.2
--
+0.2
%/V
SHDN Input High Threshold
VIH
VIN = 2.7V to 6.5V
1.6
--
--
V
SHDN Input Low Threshold
VIL
VIN = 2.7V to 6.5V
--
--
0.4
V
SHDN Input Bias Current
ISD
SHDN = GND or VIN
--
--
100
nA
Shutdown Supply Current
IGSD
SHDN = GND
--
0.01
1
µA
Thermal Shutdown Temperature
--
140
--
°C
Thermal Shutdown Hysteresis
TSD
--
10
--
°C
Output Voltage Noise
eNO
10Hz to 100kHz, CBP = 10nF
COUT = 4.7
µF, ILOAD = 1mA
--
29
--
µVRMS
Output Voltage AC PSRR
100Hz, CBP = 10nF, COUT = 4.7
µF
ILOAD = 100mA
--
62
--
dB
Note : Dropout voltage definition: VIN – VOUT when VOUT is 50mV below the value of VOUT (normal)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com