Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RT9182 Datasheet(PDF) 4 Page - Richtek Technology Corporation

Part # RT9182
Description  DUAL, LOW-NOISE, 200mA LDO REGULATOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9182 Datasheet(HTML) 4 Page - Richtek Technology Corporation

  RT9182 Datasheet HTML 1Page - Richtek Technology Corporation RT9182 Datasheet HTML 2Page - Richtek Technology Corporation RT9182 Datasheet HTML 3Page - Richtek Technology Corporation RT9182 Datasheet HTML 4Page - Richtek Technology Corporation RT9182 Datasheet HTML 5Page - Richtek Technology Corporation RT9182 Datasheet HTML 6Page - Richtek Technology Corporation RT9182 Datasheet HTML 7Page - Richtek Technology Corporation RT9182 Datasheet HTML 8Page - Richtek Technology Corporation RT9182 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
RT9182
Preliminary
www.richtek-ic.com.tw
DS9182-02 April 2002
4
Typical Operating Characteristics
VOUT = 2.8V, ILOAD = 100mA, VIN = 3.6V, COUT = 4.7
µF, CBP = 10nF, and CIN = 2.2µF, unless otherwise noted.
Quiescent Current vs. Supply Voltage
0
40
80
120
160
200
240
2.5
3.5
4.5
5.5
6.5
Supply Voltage (V)
No Load
ILoad = 100mA, both outputs
Output Voltage Accuracy vs. Temp.
-1.0
-0.8
-0.6
-0.4
-0.2
0.0
0.2
0.4
0.6
0.8
1.0
-40
-15
10
35
60
85
Temperature ( C)
°
Dropout Voltage vs. Temp.
0
50
100
150
200
250
300
-40
-15
10
35
60
85
Temperature ( C)
°
ILOAD = 200mA
Quiescent Current vs. Temp.
0
25
50
75
100
125
150
175
200
-40
-15
10
35
60
85
Temperature ( C)
°
PSRR vs. Frequency
0
10
20
30
40
50
60
70
Frequency (Hz)
ILOAD = 1mA
10
100
1K
10K
100K
1M
Quiescent Current vs. Load Current
0
30
60
90
120
150
180
0
40
80
120
160
200
Load Current (mA)
Both outputs loaded



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com