Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IPD65R950CFD Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # IPD65R950CFD
Description  Metal Oxide Semiconductor Field Effect Transistor
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPD65R950CFD Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button IPD65R950CFD Datasheet HTML 2Page - Infineon Technologies AG IPD65R950CFD Datasheet HTML 3Page - Infineon Technologies AG IPD65R950CFD Datasheet HTML 4Page - Infineon Technologies AG IPD65R950CFD Datasheet HTML 5Page - Infineon Technologies AG IPD65R950CFD Datasheet HTML 6Page - Infineon Technologies AG IPD65R950CFD Datasheet HTML 7Page - Infineon Technologies AG IPD65R950CFD Datasheet HTML 8Page - Infineon Technologies AG IPD65R950CFD Datasheet HTML 9Page - Infineon Technologies AG IPD65R950CFD Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
!
"#
'
(
&
E )F0
22 %
G 2 2. < C 8
'
&
!
"
#
$
2% < B
=8%G
%
,
\]P^
@)
Q E
1
E
3
A
2 % 8 %
,
Q \T`^
: )
/
/ )
E Q
1
E
3
f % ,
%
, 8
<
1
53
E @)
Q E
E )F0
E @)
Q E
E ) F0
A
2% <
= , <
1 Q
3
Q E
E
2% < % 2
2 2
<
\Xg^
))
()
*
Q E
1
E
)3
E )F0
:
Q E
1
E
)3
E ) F0
A
2 2
<
Q
*
C E >DS %.
8
)
&
!
"
#
$
1 .
< . <
<
0hMM
:
.
Q E
E
C E >DS
; .
< . <
<
0XMM
:
.
4CC <
% .
< . <
<
,-
8 &
0X\Ni^
@
.
Q E
E
/
4CC <
% .
< . <
<
8 &
0X\Ti^
@
.
1
E <% 2
Q E
E
/
% 8
-
d\Xg^
(
2
E /
Q E :
1
E
3
Q E
*
$2
B
#&
2
i
@ )
2
%CC 8
-
d\XWW^
/:
2
W
:
2
*
+
&
&
!
"
#
$
A
% 2% < <
,
+UM
)
0
E /
1
E
3
Q E
%
A
% 8
<
,
+Ud
0
A
<
,
%
+U
/
0
A
.
%
,
JL!TN!K
@ /
& 0X\Ni^ 2
C ' 8 < . <
<
,
2
2
2 % 8
,- 2 0XMM G
2 2 , C %
% /
& 0X\Ti^ 2
C ' 8 < . <
<
,
2
2
<
, ,
2 0XMM G
2 2 , C %
% /
Rev. 2.1, 2013-07-31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com