Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IPD65R950CFD Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # IPD65R950CFD
Description  Metal Oxide Semiconductor Field Effect Transistor
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPD65R950CFD Datasheet(HTML) 2 Page - Infineon Technologies AG

  IPD65R950CFD Datasheet HTML 1Page - Infineon Technologies AG IPD65R950CFD Datasheet HTML 2Page - Infineon Technologies AG IPD65R950CFD Datasheet HTML 3Page - Infineon Technologies AG IPD65R950CFD Datasheet HTML 4Page - Infineon Technologies AG IPD65R950CFD Datasheet HTML 5Page - Infineon Technologies AG IPD65R950CFD Datasheet HTML 6Page - Infineon Technologies AG IPD65R950CFD Datasheet HTML 7Page - Infineon Technologies AG IPD65R950CFD Datasheet HTML 8Page - Infineon Technologies AG IPD65R950CFD Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
!
"#
)*
%
+
$
,+
$ ,$ %
, -
.
,
,
$
- /
0 12 -
-
-
3+
!
$
,
&
3
$
-
$
, 1
--
$ $ ,$
%
& $
,
%
- %
3
$ , 1
$
,
+
3
3
+
& $
3
+
$ ,.
, $
$
$ ,$
3
(
-
+
$ , --
3 .
. ,$
&
4 5
6
3
+
4
+
7 %
4
+ $ ,$
,,
4 36
-
,
4
+
% +
"
89,
4 9
,
--
,
1
016
1
2
-
+
3
$ , :
,
&,&
% 3 . ;
. ; ,$ ,.
%
&
!"
#
$% &
'
()
*
+, -.
/
0
1
. 2
3
4%22
/
/
56
7%8- 8 %8 8 98
(
3952
+
50
):
2
1
/3
-. 9 ; 8
, 0%8
-. 9 ; 8
, 0%8
-. 9 ; 8
, 0%8
-. 9 ; 8
, 0%8
<= ,
<= ,
<= ,
<= ,
>
= ,
>
= ,
>
= ,
>
= ,
8 ? =2
8 ? =2
8 ? =2
8 ? =2
1
@) () 0
A
; )
@) @()
2
3..
8 ' 3
, available in Halogen free mold compound1)
1) non-Halogen free (OPN: IPD65R950CFDBT); Halogen free (OPN: IPD65R950CFDAT)
Rev. 2.1, 2013-07-31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com