Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IPD65R950CFD Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # IPD65R950CFD
Description  Metal Oxide Semiconductor Field Effect Transistor
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPD65R950CFD Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button IPD65R950CFD Datasheet HTML 5Page - Infineon Technologies AG IPD65R950CFD Datasheet HTML 6Page - Infineon Technologies AG IPD65R950CFD Datasheet HTML 7Page - Infineon Technologies AG IPD65R950CFD Datasheet HTML 8Page - Infineon Technologies AG IPD65R950CFD Datasheet HTML 9Page - Infineon Technologies AG IPD65R950CFD Datasheet HTML 10Page - Infineon Technologies AG IPD65R950CFD Datasheet HTML 11Page - Infineon Technologies AG IPD65R950CFD Datasheet HTML 12Page - Infineon Technologies AG IPD65R950CFD Datasheet HTML 13Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
#
!
"#
1
-. % .
<
<
2 <2
-. % .
<
<
2 <2
-. % .
<
<
2 <2
-. % .
<
<
2 <2
k l
k l
k l
k l
@
@
=
?
@
@
@=
#
@
) )
)
/ )
1 EC$
&n _E ) F0n .
o A
-. % .
<
<
2 <2
-. % .
<
<
2 <2
-. % .
<
<
2 <2
-. % .
<
<
2 <2
k l
k l
k l
k l
@
@
@
<
=
>
?
#
@
) )
)
/ )
1 EC$
&n _E
) F0n .
o A
-. 8
2%
< %
2
2 2
<
-. 8
2%
< %
2
2 2
<
-. 8
2%
< %
2
2 2
<
-. 8
2%
< %
2
2 2
<
1111
k3l
k3l
k3l
k3l
@
<
=
>
?
@
<
=
>
@ )
@
) )
#
$% &EC$1
&n _E
) F0n .
o A
2%
< %
2
2 2
<
2%
< %
2
2 2
<
2%
< %
2
2 2
<
2%
< %
2
2 2
<
____ kF0l
kF0l
kF0l
kF0l
6
6
@
@=
@?
@
<
( p
-.
$% &EC$ _&n 1
E ) 3n A E
Rev. 2.1, 2013-07-31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com