| Electronic Components Datasheet Search |
|
TMS320F2811PBKA Datasheet(PDF) 108 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TMS320F2811PBKA Datasheet(HTML) 108 Page - Texas Instruments |
|
108 / 162 page ![]() Electrical Specifications 108 April 2001 − Revised December 2004 SPRS174L Table 6−13. STANDBY Mode Switching Characteristics PARAMETER TEST CONDITIONS MIN TYP MAX UNIT td(IDLE-XCOH) Delay time, IDLE instruction executed to XCLKOUT high 32 * tc(SCO) 12 * tc(CI) Cycles Delay time, external wake signal to program execution resume† − Wake-up from Flash − Flash module in active state Without input qualifier 12 * tc(CI) Cycles td(WAKE-STBY) − Wake-up from Flash − Flash module in active state With input qualifier 12 * tc(CI) + tw(WAKE-INT) Cycles td(WAKE-STBY) − Wake-up from Flash − Flash module in sleep state Without input qualifier 1125 * tc(SCO) Cycles − Wake-up from Flash − Flash module in sleep state With input qualifier 1125 * tc(SCO) + tw(WAKE-INT) Cycles − Wake-up from SARAM Without input qualifier 12 * tc(CI) Cycles − Wake-up from SARAM With input qualifier 12 * tc(CI) + tw(WAKE-INT) Cycles † This is the time taken to begin execution of the instruction that immediately follows the IDLE instruction. Execution of an ISR (triggered by the wake-up) signal involves additional latency. tw(WAKE-INT) td(WAKE-STBY) td(IDLE−XCOH) 32 SYSCLKOUT Cycles Wake-up Signal X1/XCLKIN XCLKOUT† STANDBY Normal Execution STANDBY Flushing Pipeline A B C D E F Device Status NOTES: A. IDLE instruction is executed to put the device into STANDBY mode. B. The PLL block responds to the STANDBY signal. SYSCLKOUT is held for approximately 32 cycles before being turned off. This 32-cycle delay enables the CPU pipe and any other pending operations to flush properly. C. The device is now in STANDBY mode. D. The external wake-up signal is driven active (negative edge triggered shown as an example). E. After a latency period, the STANDBY mode is exited. F. Normal operation resumes. The device will respond to the interrupt (if enabled). Figure 6−15. STANDBY Entry and Exit Timing Table 6−14. HALT Mode Timing Requirements MIN NOM MAX UNIT tw(WAKE-XNMI) Pulse duration, XNMI wakeup signal 2 * tc(CI) Cycles tw(WAKE-XRS) Pulse duration, XRS wakeup signal 8 * tc(CI) Cycles |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |