| Electronic Components Datasheet Search |
|
TMS320F2811PBKA Datasheet(PDF) 109 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TMS320F2811PBKA Datasheet(HTML) 109 Page - Texas Instruments |
|
109 / 162 page ![]() Electrical Specifications 109 April 2001 − Revised December 2004 SPRS174L Table 6−15. HALT Mode Switching Characteristics PARAMETER MIN TYP MAX UNIT td(IDLE-XCOH) Delay time, IDLE instruction executed to XCLKOUT high 32 * tc(SCO) 45 *tc(SCO) Cycles tp PLL lock-up time 131 072 * tc(CI) Cycles Delay time, PLL lock to program execution resume td(wake) − Wake-up from flash − Flash module in sleep state 1125*tc(SCO) Cycles − Wake-up from SARAM 35*tc(SCO) Cycles † XCLKOUT = SYSCLKOUT NOTES: A. IDLE instruction is executed to put the device into HALT mode. B. The PLL block responds to the HALT signal. SYSCLKOUT is held for another 32 cycles before the oscillator is turned off and the CLKIN to the core is stopped. This 32-cycle delay enables the CPU pipe and any other pending operations to flush properly. C. Clocks to the device are turned off and the internal oscillator and PLL are shut down. The device is now in HALT mode and consumes absolute minimum power. D. When XNMI is driven active (negative edge triggered shown , as an example), the oscillator is turned on; but the PLL is not activated. E. When XNMI is deactivated, it initiates the PLL lock sequence, which takes 131,072 X1/XCLKIN cycles. F. When CLKIN to the core is enabled, the device will respond to the interrupt (if enabled), after a latency. The HALT mode is now exited. G. Normal operation resumes. td(IDLE−XCOH) 32 SYSCLKOUT Cycles X1/XCLKIN XCLKOUT† HALT HALT Wake-up Latency Flushing Pipeline td(wake) A B C D Device Status E G F PLL Lock-up Time XNMI Normal Execution tw(WAKE-XNMI) tp Oscillator Start-up Time Figure 6−16. HALT Wakeup Using XNMI |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |