Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMS320F2811PBKA Datasheet(PDF) 122 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320F2811PBKA
Description  Digital Signal Processors
PDF  162 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F2811PBKA Datasheet(HTML) 122 Page - Texas Instruments

Back Button TMS320F2811PBKA Datasheet HTML 118Page - Texas Instruments TMS320F2811PBKA Datasheet HTML 119Page - Texas Instruments TMS320F2811PBKA Datasheet HTML 120Page - Texas Instruments TMS320F2811PBKA Datasheet HTML 121Page - Texas Instruments TMS320F2811PBKA Datasheet HTML 122Page - Texas Instruments TMS320F2811PBKA Datasheet HTML 123Page - Texas Instruments TMS320F2811PBKA Datasheet HTML 124Page - Texas Instruments TMS320F2811PBKA Datasheet HTML 125Page - Texas Instruments TMS320F2811PBKA Datasheet HTML 126Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 122 / 162 page
background image
Electrical Specifications
121
April 2001 − Revised December 2004
SPRS174L
Table 6−27. SPI Slave Mode External Timing (Clock Phase = 1)†‡
NO.
MIN
MAX
UNIT
12
tc(SPC)S
Cycle time, SPICLK
8tc(LCO)
ns
13§
tw(SPCH)S
Pulse duration, SPICLK high (clock polarity = 0)
0.5tc(SPC)S −10 0.5tc(SPC)S
ns
13§
tw(SPCL)S
Pulse duration, SPICLK low (clock polarity = 1)
0.5tc(SPC)S −10 0.5tc(SPC)S
ns
14§
tw(SPCL)S
Pulse duration, SPICLK low (clock polarity = 0)
0.5tc(SPC)S −10 0.5tc(SPC)S
ns
14§
tw(SPCH)S
Pulse duration, SPICLK high (clock polarity = 1)
0.5tc(SPC)S −10 0.5tc(SPC)S
ns
17§
tsu(SOMI-SPCH)S Setup time, SPISOMI before SPICLK high (clock polarity = 0)
0.125tc(SPC)S
ns
17§
tsu(SOMI-SPCL)S
Setup time, SPISOMI before SPICLK low (clock polarity = 1)
0.125tc(SPC)S
ns
18§
tv(SPCH-SOMI)S
Valid time, SPISOMI data valid after SPICLK high
(clock polarity =0)
0.75tc(SPC)S
ns
18§
tv(SPCL-SOMI)S
Valid time, SPISOMI data valid after SPICLK low
(clock polarity =1)
0.75tc(SPC)S
ns
21§
tsu(SIMO-SPCH)S Setup time, SPISIMO before SPICLK high (clock polarity = 0)
0
ns
21§
tsu(SIMO-SPCL)S
Setup time, SPISIMO before SPICLK low (clock polarity = 1)
0
ns
22§
tv(SPCH-SIMO)S
Valid time, SPISIMO data valid after SPICLK high
(clock polarity = 0)
0.5tc(SPC)S
ns
22§
tv(SPCL-SIMO)S
Valid time, SPISIMO data valid after SPICLK low
(clock polarity = 1)
0.5tc(SPC)S
ns
† The MASTER / SLAVE bit (SPICTL.2) is cleared and the CLOCK PHASE bit (SPICTL.3) is set.
‡ tc(SPC) = SPI clock cycle time =
LSPCLK
4
or
LSPCLK
(SPIBRR
) 1)
tc(LCO) = LSPCLK cycle time
§ The active edge of the SPICLK signal referenced is controlled by the CLOCK POLARITY bit (SPICCR.6).
Data Valid
22
SPISIMO
SPISOMI
SPICLK
(clock polarity = 1)
SPICLK
(clock polarity = 0)
SPISIMO Data
Must Be Valid
SPISOMI Data Is Valid
21
12
18
17
14
13
SPISTE†
† In the slave mode, the SPISTE signal should be asserted low at least 0.5tc(SPC) before the valid SPI clock edge and
remain low for at least 0.5tc(SPC) after the receiving edge (SPICLK) of the last data bit.
Figure 6−28. SPI Slave Mode External Timing (Clock Phase = 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com