Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMS320F2811PBKA Datasheet(PDF) 125 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320F2811PBKA
Description  Digital Signal Processors
PDF  162 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F2811PBKA Datasheet(HTML) 125 Page - Texas Instruments

Back Button TMS320F2811PBKA Datasheet HTML 121Page - Texas Instruments TMS320F2811PBKA Datasheet HTML 122Page - Texas Instruments TMS320F2811PBKA Datasheet HTML 123Page - Texas Instruments TMS320F2811PBKA Datasheet HTML 124Page - Texas Instruments TMS320F2811PBKA Datasheet HTML 125Page - Texas Instruments TMS320F2811PBKA Datasheet HTML 126Page - Texas Instruments TMS320F2811PBKA Datasheet HTML 127Page - Texas Instruments TMS320F2811PBKA Datasheet HTML 128Page - Texas Instruments TMS320F2811PBKA Datasheet HTML 129Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 162 page
background image
Electrical Specifications
124
April 2001 − Revised December 2004
SPRS174L
Unless otherwise specified, all XINTF timing is applicable for the clock configurations shown in Table 6−29.
Table 6−29. XINTF Clock Configurations
MODE
SYSCLKOUT
XTIMCLK
XCLKOUT
1
Example:
150 MHz
SYSCLKOUT
150 MHz
SYSCLKOUT
150 MHz
2
Example:
150 MHz
SYSCLKOUT
150 MHz
1/2 SYSCLKOUT
75 MHz
3
Example:
150 MHz
1/2 SYSCLKOUT
75 MHz
1/2 SYSCLKOUT
75 MHz
4
Example:
150 MHz
1/2 SYSCLKOUT
75 MHz
1/4 SYSCLKOUT
37.5 MHz
The relationship between SYSCLKOUT and XTIMCLK is shown in Figure 6−29.
XTIMING0
XTIMING1
XTIMING2
XTIMING6
XTIMING7
XBANK
LEAD/ACTIVE/TRAIL
1†
0
XCLKOUT
/2
XTIMCLK
1†
0
/2
C28x
CPU
XINTCNF2
(CLKMODE)
XINTCNF2
(XTIMCLK)
† Default Value after reset
SYSCLKOUT
XINTCNF2
(CLKOFF)
1
0
0
Figure 6−29. Relationship Between XTIMCLK and SYSCLKOUT
6.23
XINTF Signal Alignment to XCLKOUT
For each XINTF access, the number of lead, active, and trail cycles is based on the internal clock XTIMCLK.
Strobes such as XRD, XWE, and zone chip-select (XZCS) change state in relationship to the rising edge of
XTIMCLK. The external clock, XCLKOUT, can be configured to be either equal to or one-half the frequency
of XTIMCLK.
For the case where XCLKOUT = XTIMCLK, all of the XINTF strobes will change state with respect to the rising
edge of XCLKOUT. For the case where XCLKOUT = one-half XTIMCLK, some strobes will change state either
on the rising edge of XCLKOUT or the falling edge of XCLKOUT. In the XINTF timing tables, the notation
XCOHL is used to indicate that the parameter is with respect to either case; XCLKOUT rising edge (high) or
XCLKOUT falling edge (low). If the parameter is always with respect to the rising edge of XCLKOUT, the
notation XCOH is used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com