Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMS320F2811PBKA Datasheet(PDF) 129 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320F2811PBKA
Description  Digital Signal Processors
PDF  162 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F2811PBKA Datasheet(HTML) 129 Page - Texas Instruments

Back Button TMS320F2811PBKA Datasheet HTML 125Page - Texas Instruments TMS320F2811PBKA Datasheet HTML 126Page - Texas Instruments TMS320F2811PBKA Datasheet HTML 127Page - Texas Instruments TMS320F2811PBKA Datasheet HTML 128Page - Texas Instruments TMS320F2811PBKA Datasheet HTML 129Page - Texas Instruments TMS320F2811PBKA Datasheet HTML 130Page - Texas Instruments TMS320F2811PBKA Datasheet HTML 131Page - Texas Instruments TMS320F2811PBKA Datasheet HTML 132Page - Texas Instruments TMS320F2811PBKA Datasheet HTML 133Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 162 page
background image
Electrical Specifications
128
April 2001 − Revised December 2004
SPRS174L
6.26
External Interface Ready-on-Read Timing With One External Wait State
Table 6−33. External Memory Interface Read Switching Characteristics (Ready-on-Read, 1 Wait State)
PARAMETER
MIN
MAX
UNIT
td(XCOH-XZCSL)
Delay time, XCLKOUT high to zone chip-select active low
1
ns
td(XCOHL-XZCSH)
Delay time, XCLKOUT high/low to zone chip-select inactive high
−2
3
ns
td(XCOH-XA)
Delay time, XCLKOUT high to address valid
2
ns
td(XCOHL-XRDL)
Delay time, XCLKOUT high/low to XRD active low
1
ns
td(XCOHL-XRDH
Delay time, XCLKOUT high/low to XRD inactive high
−2
1
ns
th(XA)XZCSH
Hold time, address valid after zone chip-select inactive high
†
ns
th(XA)XRD
Hold time, address valid after XRD inactive high
†
ns
† During inactive cycles, the XINTF address bus will always hold the last address put out on the bus. This includes alignment cycles.
Table 6−34. External Memory Interface Read Timing Requirements (Ready-on-Read, 1 Wait State)
MIN
MAX
UNIT
ta(A)
Access time, read data from address valid
(LR + AR) − 14‡
ns
ta(XRD)
Access time, read data valid from XRD active low
AR − 12‡
ns
tsu(XD)XRD
Setup time, read data valid before XRD strobe inactive high
12
ns
th(XD)XRD
Hold time, read data valid after XRD inactive high
0
ns
‡ LR = Lead period, read access. AR = Active period, read access. See Table 6−28.
Table 6−35. Synchronous XREADY Timing Requirements (Ready-on-Read, 1 Wait State)§
MIN
MAX
UNIT
tsu(XRDYsynchL)XCOHL
Setup time, XREADY (Synch) low before XCLKOUT high/low
15
ns
th(XRDYsynchL)
Hold time, XREADY (Synch) low
12
ns
te(XRDYsynchH)
Earliest time XREADY (Synch) can go high before the sampling XCLKOUT edge
3
ns
tsu(XRDYsynchH)XCOHL
Setup time, XREADY (Synch) high before XCLKOUT high/low
15
ns
th(XRDYsynchH)XZCSH
Hold time, XREADY (Synch) held high after zone chip select high
0
ns
§ The first XREADY (Synch) sample occurs with respect to E in Figure 6−32:
E = (XRDLEAD + XRDACTIVE) tc(XTIM)
When first sampled, if XREADY (Synch) is found to be high, then the access will complete. If XREADY (Synch) is found to be low, it will be sampled
again each tc(XTIM) until it is found to be high.
For each sample (n) the setup time (D) with respect to the beginning of the access can be calculated as:
D = (XRDLEAD + XRDACTIVE +n − 1) tc(XTIM) − tsu(XRDYsynchL)XCOHL
where n is the sample number: n = 1, 2, 3, and so forth.
Table 6−36. Asynchronous XREADY Timing Requirements (Ready-on-Read, 1 Wait State)
MIN
MAX
UNIT
tsu(XRDYAsynchL)XCOHL
Setup time, XREADY (Async) low before XCLKOUT high/low
11
ns
th(XRDYAsynchL)
Hold time, XREADY (Async) low
8
ns
te(XRDYAsynchH)
Earliest time XREADY (Async) can go high before the sampling XCLKOUT edge
3
ns
tsu(XRDYAsynchH)XCOHL
Setup time, XREADY (Async) high before XCLKOUT high/low
11
ns
th(XRDYasynchH)XZCSH
Hold time, XREADY (Async) held high after zone chip select high
0
ns
¶ The first XREADY (Async) sample occurs with respect to E in Figure 6−33:
E = (XRDLEAD + XRDACTIVE −2) tc(XTIM)
When first sampled, if XREADY (Async) is found to be high, then the access will complete. If XREADY (Async) is found to be low, it will be sampled
again each tc(XTIM) until it is found to be high.
For each sample, setup time from the beginning of the access can be calculated as:
D = (XRDLEAD + XRDACTIVE −3 +n) tc(XTIM) − tsu(XRDYasynchL)XCOHL
where n is the sample number: n = 1, 2, 3, and so forth.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com