Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMS320F2811PBKA Datasheet(PDF) 154 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320F2811PBKA
Description  Digital Signal Processors
PDF  162 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F2811PBKA Datasheet(HTML) 154 Page - Texas Instruments

Back Button TMS320F2811PBKA Datasheet HTML 150Page - Texas Instruments TMS320F2811PBKA Datasheet HTML 151Page - Texas Instruments TMS320F2811PBKA Datasheet HTML 152Page - Texas Instruments TMS320F2811PBKA Datasheet HTML 153Page - Texas Instruments TMS320F2811PBKA Datasheet HTML 154Page - Texas Instruments TMS320F2811PBKA Datasheet HTML 155Page - Texas Instruments TMS320F2811PBKA Datasheet HTML 156Page - Texas Instruments TMS320F2811PBKA Datasheet HTML 157Page - Texas Instruments TMS320F2811PBKA Datasheet HTML 158Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 154 / 162 page
background image
Electrical Specifications
152
April 2001 − Revised December 2004
SPRS174L
6.32
Flash Timing (F281x Only)
6.32.1
Recommended Operating Conditions
MIN
NOM
MAX
UNIT
Nf
Flash endurance for the array (Write/erase cycles)
0
°C to 85°C
100
1000
cycles
NOTP
OTP endurance for the array (Write cycles)
0
°C to 85°C
1
write
Table 6−57. Flash Parameters at 150-MHz SYSCLKOUT†
PARAMETER
MIN
TYP
MAX
UNIT
16-Bit Word
35
µs
Program Time
8K Sector
170
ms
Program Time
16K Sector
320
ms
Erase Time
8K Sector
10
S
Erase Time
16K Sector
11
S
IDD3VFLP
VDD3VFL current consumption during the Erase/Program cycle
Erase
75
mA
IDD3VFLP
VDD3VFL current consumption during the Erase/Program cycle
Program
35
mA
IDDP
VDD current consumption during Erase/Program cycle
140
mA
IDDIOP
VDDIO current consumption during Erase/Program cycle
20
mA
† Typical parameters as seen at room temperature using flash API V1 including function call overhead.
Table 6−58. Flash/OTP Access Timing
PARAMETER
MIN
MAX
UNIT
ta(fp)
Paged Flash access time
36
ns
ta(fr)
Random Flash access time
36
ns
ta(OTP)
OTP access time
60
ns
NOTE: For 150 MHz, PAGE WS = 5 and RANDOM WS = 5
For 135 MHz, PAGE WS = 4 and RANDOM WS = 4
Table 6−59. Minimum Required Wait-States at Different Frequencies (F281x devices)
SYSCLKOUT (MHz)
SYSCLKOUT (ns)
PAGE WAIT-STATE‡
RANDOM WAIT STATE‡§
150
6.67
5
5
120
8.33
4
4
100
10
3
3
75
13.33
2
2
50
20
1
1
30
33.33
1
1
25
40
0
1
15
66.67
0
1
4
250
0
1
‡ Formulas to compute page wait state and random wait state:
Page Wait State
+
t
a(fp)
t
c(SCO)
* 1 (round up to the next highest integer), or 0 whichever is larger
Random Wait State
+
t
a(fr)
t
c(SCO)
* 1 (round up to the next highest integer), or 1 whichever is larger
§ Random wait state must be greater than or equal to 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com