Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMS320F2811PBKA Datasheet(PDF) 158 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320F2811PBKA
Description  Digital Signal Processors
PDF  162 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F2811PBKA Datasheet(HTML) 158 Page - Texas Instruments

Back Button TMS320F2811PBKA Datasheet HTML 154Page - Texas Instruments TMS320F2811PBKA Datasheet HTML 155Page - Texas Instruments TMS320F2811PBKA Datasheet HTML 156Page - Texas Instruments TMS320F2811PBKA Datasheet HTML 157Page - Texas Instruments TMS320F2811PBKA Datasheet HTML 158Page - Texas Instruments TMS320F2811PBKA Datasheet HTML 159Page - Texas Instruments TMS320F2811PBKA Datasheet HTML 160Page - Texas Instruments TMS320F2811PBKA Datasheet HTML 161Page - Texas Instruments TMS320F2811PBKA Datasheet HTML 162Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 158 / 162 page
background image
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package
Type
Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
MSL Peak Temp
(3)
F741814APBL-1
ACTIVE
None
Call TI
Call TI
TMS320C2810
ACTIVE
None
Call TI
Call TI
TMS320F2810PBKA
ACTIVE
LQFP
PBK
128
90
None
CU NIPDAU
Level-2-220C-1YR
TMS320F2810PBKQ
ACTIVE
LQFP
PBK
128
90
None
CU NIPDAU
Level-2-220C-1YR
TMS320F2811PBKA
ACTIVE
LQFP
PBK
128
90
None
CU NIPDAU
Level-2-220C-1YR
TMS320F2811PBKQ
ACTIVE
LQFP
PBK
128
90
None
CU NIPDAU
Level-2-220C-1YR
TMS320F2812GHHA
ACTIVE
BGA
GHH
179
160
None
Call TI
Level-3-220C-168HR
TMS320F2812GHHAR
ACTIVE
BGA
GHH
179
1000
None
Call TI
Level-3-220C-168HR
TMS320F2812GHHQ
ACTIVE
BGA
GHH
179
160
None
Call TI
Level-3-220C-168HR
TMS320F2812PGFA
ACTIVE
LQFP
PGF
176
40
None
CU NIPDAU
Level-2-220C-1YR
TMS320F2812PGFQ
ACTIVE
LQFP
PGF
176
40
None
CU NIPDAU
Level-2-220C-1YR
TMS320F2812ZHHA
ACTIVE
BGA MI
CROSTA
R
ZHH
179
160
Green (RoHS &
no Sb/Br)
Call TI
Level-3-260C-168HR
TMS320F2812ZHHQ
ACTIVE
BGA MI
CROSTA
R
ZHH
179
160
Green (RoHS &
no Sb/Br)
Call TI
Level-3-260C-168HR
TMX320F2812GHHS
PREVIEW
BGA
GHH
179
None
Call TI
Call TI
TMX320F2812PGFS
PREVIEW
LQFP
PGF
176
None
Call TI
Call TI
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in
a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - May not be currently available - please check http://www.ti.com/productcontent for the latest availability information and additional
product content details.
None: Not yet available Lead (Pb-Free).
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements
for all 6 substances, including the requirement that lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered
at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Green (RoHS & no Sb/Br): TI defines "Green" to mean "Pb-Free" and in addition, uses package materials that do not contain halogens,
including bromine (Br) or antimony (Sb) above 0.1% of total product weight.
(3) MSL, Peak Temp. -- The Moisture Sensitivity Level rating according to the JEDECindustry standard classifications, and peak solder
temperature.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is
provided. TI bases its knowledge and belief on information provided by third parties, and makes no representation or warranty as to the
accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and continues to take
reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on
incoming materials and chemicals. TI and TI suppliers consider certain information to be proprietary, and thus CAS numbers and other limited
information may not be available for release.
In no event shall TI's liability arising out of such information exceed the total purchase price of the TI part(s) at issue in this document sold by TI
to Customer on an annual basis.
PACKAGE OPTION ADDENDUM
www.ti.com
17-Dec-2004
Addendum-Page 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com