Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

VN7004CLH Datasheet(PDF) 15 Page - STMicroelectronics

Part # VN7004CLH
Description  High-side driver with CurrentSense analog feedback for automotive applications
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN7004CLH Datasheet(HTML) 15 Page - STMicroelectronics

Back Button VN7004CLH Datasheet HTML 11Page - STMicroelectronics VN7004CLH Datasheet HTML 12Page - STMicroelectronics VN7004CLH Datasheet HTML 13Page - STMicroelectronics VN7004CLH Datasheet HTML 14Page - STMicroelectronics VN7004CLH Datasheet HTML 15Page - STMicroelectronics VN7004CLH Datasheet HTML 16Page - STMicroelectronics VN7004CLH Datasheet HTML 17Page - STMicroelectronics VN7004CLH Datasheet HTML 18Page - STMicroelectronics VN7004CLH Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 36 page
background image
VN7004CLH
Electrical specification
DocID027770 Rev 5
15/36
Table 11: Truth table
Mode
Conditions
IN
FR_DIAG
OUT
Current
Sense
Comments
Stand by
All logic inputs
low
L
L
L
Hi-Z
Low quiescent current
consumption
Normal
Nominal load
connected;
Tj < 150°C
L
H
L
0
OFF-state diagnostic
enabled
H
L
H
ISENSE =
1/K * IOUT
Autorestart mode
H
H
H
ISENSE =
1/K * IOUT
Latch-off mode
Overload
Overload or
short to GND
causing:
Tj > TTSD or
ΔTj > ΔTj_SD
H
L
H
VSENSEH
Autorestart mode
H
H
H
VSENSEH
Latch-off mode
Under-
voltage
VCC < VUSD
(falling)
X
X
L
Hi-Z
Re-start when
VCC > VUSD + VUSDhyst
(rising)
OFF-state
diagnostics
Short to VCC
L
H
H
VSENSEH
Open-load
L
H
H
External pull-up
Negative
output
voltage
Inductive loads
turn-off
L
X
< 0 V
0
Table 12: FR_DIAG functionality
FR_DIAG
Input
Diagnostic
Overload protection
0
0
Disabled
X (1)
0
1
Enabled
Auto-restart
1
0
Enabled (OFF-state diagnostic)
X(1)
1
1
Enabled
Latch-off
Notes:
(1)X: do not care.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com