Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

VN7004CLH Datasheet(PDF) 26 Page - STMicroelectronics

Part # VN7004CLH
Description  High-side driver with CurrentSense analog feedback for automotive applications
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN7004CLH Datasheet(HTML) 26 Page - STMicroelectronics

Back Button VN7004CLH Datasheet HTML 22Page - STMicroelectronics VN7004CLH Datasheet HTML 23Page - STMicroelectronics VN7004CLH Datasheet HTML 24Page - STMicroelectronics VN7004CLH Datasheet HTML 25Page - STMicroelectronics VN7004CLH Datasheet HTML 26Page - STMicroelectronics VN7004CLH Datasheet HTML 27Page - STMicroelectronics VN7004CLH Datasheet HTML 28Page - STMicroelectronics VN7004CLH Datasheet HTML 29Page - STMicroelectronics VN7004CLH Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 36 page
background image
Application information
VN7004CLH
26/36
DocID027770 Rev 5
Figure 33: Open-load / short to VCC condition
Table 14: CurrentSense pin levels in off-state
Condition
Output
CurrentSense
FR_DIAG
Open-load
VOUT > VOL
Hi-Z
L
VSENSEH
H
VOUT < VOL
Hi-Z
L
0
H
Short to VCC
VOUT > VOL
Hi-Z
L
VSENSEH
H
Nominal
VOUT < VOL
Hi-Z
L
0
H
4.4.2
Short to VCC and OFF-state open-load detection
Short to VCC
A short circuit between VCC and output is indicated by the relevant current sense pin set to
VSENSEH during the device off-state. Small or no current is delivered by the current sense
during the on-state depending on the nature of the short circuit.
OFF-state open-load with external circuitry
Detection of an open-load in off mode requires an external pull-up resistor RPU connecting
the output to a positive supply voltage VPU.
It is preferable VPU to be switched off during the module standby mode in order to avoid the
overall standby current consumption to increase in normal conditions, i.e. when load is
connected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com