Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

VND7004AY Datasheet(PDF) 12 Page - STMicroelectronics

Part # VND7004AY
Description  Double channel high-side driver with MultiSense analog feedback for automotive applications
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VND7004AY Datasheet(HTML) 12 Page - STMicroelectronics

Back Button VND7004AY Datasheet HTML 8Page - STMicroelectronics VND7004AY Datasheet HTML 9Page - STMicroelectronics VND7004AY Datasheet HTML 10Page - STMicroelectronics VND7004AY Datasheet HTML 11Page - STMicroelectronics VND7004AY Datasheet HTML 12Page - STMicroelectronics VND7004AY Datasheet HTML 13Page - STMicroelectronics VND7004AY Datasheet HTML 14Page - STMicroelectronics VND7004AY Datasheet HTML 15Page - STMicroelectronics VND7004AY Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 47 page
background image
Electrical specification
VND7004AY
12/47
DocID027772 Rev 9
Table 9: MultiSense
7 V < VCC < 18 V; -40°C < Tj < 150°C
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VSENSE_CL
MultiSense clamp
voltage
VSEn = 0 V; ISENSE = 1 mA
-17
-12
V
VSEn = 0 V; ISENSE = -1 mA
7
Current sense characteristics
K1
IOUT/ISENSE
IOUT = 3.5 A; VSENSE = 4 V;
VSEn = 5 V
1500
14200
31500
dK1/K1(1)(2)
Current sense
ratio drift
IOUT = 3.5 A; VSENSE = 4 V;
VSEn = 5 V
-30
30
%
KGP
IOUT/ISENSE
IOUT = 10 A; VSENSE = 4 V;
VSEn = 5 V
7990
13900
21050
dKGP/KGP(1)(2)
Current sense
ratio drift
IOUT = 10 A; VSENSE = 4 V;
VSEn = 5 V
-10
10
%
K2
IOUT/ISENSE
IOUT = 15 A; VSENSE = 4 V;
VSEn = 5 V
9580
13850
19020
dK2/K2(1)(2)
Current sense
ratio drift
IOUT = 15 A; VSENSE = 4 V;
VSEn = 5 V
-7
7
%
K3
IOUT/ISENSE
IOUT = 45 A; VSENSE = 4 V;
VSEn = 5 V
11470
13800
15840
dK3/K3(1)(2)
Current sense
ratio drift
IOUT = 45 A; VSENSE = 4 V;
VSEn = 5 V
-5
5
%
ISENSE0
MultiSense
leakage current
MultiSense disabled:
VSEn = 0 V
0
0.5
µA
MultiSense disabled:
-1 V < VSENSE < 5 V(1)
-0.5
0.5
MultiSense enabled:
VSEn = 5 V; All channels
ON; IOUTX = 0 A; ChX
diagnostic selected;
E.g. Ch0:
VIN0 = 5 V;
VIN1 = 5 V;
VSEL0 = 0 V;
VSEL1 = 0 V;
IOUT0 = 0 A;
IOUT1 = 15 A
0
120
MultiSense enabled:
VSEn = 5 V; ChX OFF; ChX
diagnostic selected:
E.g. Ch0:
VIN0 = 0 V;
VIN1 = 5 V;
VSEL0 = 0 V;
VSEL1 = 0 V;
IOUT1 = 15 A
0
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com