Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BLUENRG-MSCSP Datasheet(PDF) 26 Page - STMicroelectronics

Part # BLUENRG-MSCSP
Description  Upgradable Bluetooth Low Energy network processor
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BLUENRG-MSCSP Datasheet(HTML) 26 Page - STMicroelectronics

Back Button BLUENRG-MSCSP Datasheet HTML 22Page - STMicroelectronics BLUENRG-MSCSP Datasheet HTML 23Page - STMicroelectronics BLUENRG-MSCSP Datasheet HTML 24Page - STMicroelectronics BLUENRG-MSCSP Datasheet HTML 25Page - STMicroelectronics BLUENRG-MSCSP Datasheet HTML 26Page - STMicroelectronics BLUENRG-MSCSP Datasheet HTML 27Page - STMicroelectronics BLUENRG-MSCSP Datasheet HTML 28Page - STMicroelectronics BLUENRG-MSCSP Datasheet HTML 29Page - STMicroelectronics BLUENRG-MSCSP Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 42 page
background image
Electrical specification
BlueNRG-MS
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
mode
+4 dBm
10.9
+2 dBm
9
-2 dBm
8.3
-5 dBm
7.7
Power consumption when DC-DC converter not active
IBAT
Supply current
Reset
5
nA
Standby
RAM2 OFF
1.4
µA
RAM2 ON
2
Sleep
32 kHz XO
ON (RAM2
OFF)
1.7
µA
32 kHz XO
ON (RAM2
ON)
2.4
32 kHZ RO
ON (RAM2
OFF)
2.8
32 kHZ RO
ON (RAM2
ON)
3.5
Active
CPU, flash
and RAM off
2.3
mA
RX
high power
mode
14.5
mA
standard
mode
14.3
TX standard mode
+5 dBm
21
mA
0 dBm
15.4
-2 dBm
13.3
-6 dBm
12.2
-9 dBm
11.5
-12 dBm
11
-15 dBm
10.6
-18 dBm
10.4
TX High Power
mode
+8 dBm
28.8
mA
+4 dBm
20.5
+2 dBm
17.2
-2 dBm
15.3
-5 dBm
14
-8 dBm
13
-11 dBm
12.3
26/42
DocID027103 Rev 6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com