Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BLUENRG-MSCSP Datasheet(PDF) 4 Page - STMicroelectronics

Part # BLUENRG-MSCSP
Description  Upgradable Bluetooth Low Energy network processor
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BLUENRG-MSCSP Datasheet(HTML) 4 Page - STMicroelectronics

  BLUENRG-MSCSP Datasheet HTML 1Page - STMicroelectronics BLUENRG-MSCSP Datasheet HTML 2Page - STMicroelectronics BLUENRG-MSCSP Datasheet HTML 3Page - STMicroelectronics BLUENRG-MSCSP Datasheet HTML 4Page - STMicroelectronics BLUENRG-MSCSP Datasheet HTML 5Page - STMicroelectronics BLUENRG-MSCSP Datasheet HTML 6Page - STMicroelectronics BLUENRG-MSCSP Datasheet HTML 7Page - STMicroelectronics BLUENRG-MSCSP Datasheet HTML 8Page - STMicroelectronics BLUENRG-MSCSP Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 42 page
background image
List of figures
BlueNRG-MS
List of figures
Figure 1: BlueNRG-MS application block diagram .....................................................................................7
Figure 2: BlueNRG-MS pinout top view (QFN32).......................................................................................8
Figure 3: BlueNRG-MS pinout top view (WLCSP34) .................................................................................8
Figure 4: BlueNRG-MS pinout bottom view (WLCSP34) ...........................................................................9
Figure 5: BlueNRG-MS application circuit: active DC-DC converter QFN32 package ............................11
Figure 6: BlueNRG-MS application circuit: non active DC-DC converter QFN32 package .....................12
Figure 7: BlueNRG-MS application circuit: active DC-DC converter WLCSP package ...........................12
Figure 8: BlueNRG-MS application circuit: non active DC-DC converter WLCSP package ....................13
Figure 9: Block diagram ............................................................................................................................15
Figure 10: Power management strategy using LDO ................................................................................16
Figure 11: Power management strategy using step-down DC-DC converter ..........................................17
Figure 12: Simplified state machine..........................................................................................................20
Figure 13: Simplified block diagram of the amplitude regulated oscillator ...............................................31
Figure 14: SPI timings...............................................................................................................................34
Figure 15: QFN32 (5 x 5 x 1 pitch 0.5 mm) package outline ....................................................................36
Figure 16: QFN32 (5 x 5 x 1 pitch 0.5 mm) package detail "A" ................................................................37
Figure 17: WLCSP34 (2.66 x 2.56 x 0.5 pitch 0.4 mm) package outline..................................................38
Figure 18: Flip Chip CSP (2.66 x 2.56 x 0.5 pitch 0.4 mm) package reflow profile recommendation ......40
4/42
DocID027103 Rev 6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com