Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BLUENRG-MSCSP Datasheet(PDF) 3 Page - STMicroelectronics

Part # BLUENRG-MSCSP
Description  Upgradable Bluetooth Low Energy network processor
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BLUENRG-MSCSP Datasheet(HTML) 3 Page - STMicroelectronics

  BLUENRG-MSCSP Datasheet HTML 1Page - STMicroelectronics BLUENRG-MSCSP Datasheet HTML 2Page - STMicroelectronics BLUENRG-MSCSP Datasheet HTML 3Page - STMicroelectronics BLUENRG-MSCSP Datasheet HTML 4Page - STMicroelectronics BLUENRG-MSCSP Datasheet HTML 5Page - STMicroelectronics BLUENRG-MSCSP Datasheet HTML 6Page - STMicroelectronics BLUENRG-MSCSP Datasheet HTML 7Page - STMicroelectronics BLUENRG-MSCSP Datasheet HTML 8Page - STMicroelectronics BLUENRG-MSCSP Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 42 page
background image
BlueNRG-MS
List of tables
List of tables
Table 1: Device summary ...........................................................................................................................1
Table 2: Pinout description .........................................................................................................................9
Table 3: External component list ..............................................................................................................13
Table 4: SPI interface ...............................................................................................................................15
Table 5: BlueNRG-MS operating modes ..................................................................................................20
Table 6: BlueNRG-MS transition times.....................................................................................................21
Table 7: Absolute maximum ratings .........................................................................................................23
Table 8: Thermal data...............................................................................................................................23
Table 9: Recommended operating conditions ..........................................................................................24
Table 10: RF general characteristics ........................................................................................................28
Table 11: RF Transmitter characteristics..................................................................................................28
Table 12: RF receiver characteristics .......................................................................................................29
Table 13: High speed crystal oscillator characteristics.............................................................................30
Table 14: Low speed crystal oscillator characteristics..............................................................................32
Table 15: High speed ring oscillator characteristics .................................................................................32
Table 16: Low speed ring oscillator characteristics ..................................................................................32
Table 17: N-fractional frequency synthesizer characteristics ...................................................................33
Table 18: Auxiliary blocks characteristics .................................................................................................33
Table 19: SPI characteristics ....................................................................................................................33
Table 20: QFN32 (5 x 5 x 1 pitch 0.5 mm) mechanical data ....................................................................37
Table 21: WLCSP34 (2.66 x 2.56 x 0.5 pitch 0.4 mm) mechanical data..................................................39
Table 22: Flip Chip CSP (2.66 x 2.56 x 0.5 pitch 0.4 mm) package reflow profile recommendation .......40
Table 23: Document revision history ........................................................................................................41
DocID027103 Rev 6
3/42



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com