Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP79402-I/ST Datasheet(PDF) 32 Page - Microchip Technology

Part # MCP79402-I/ST
Description  Battery-Backed I2C Real-Time Clock/Calendar with SRAM and Protected EEPROM
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP79402-I/ST Datasheet(HTML) 32 Page - Microchip Technology

Back Button MCP79402-I/ST Datasheet HTML 28Page - Microchip Technology MCP79402-I/ST Datasheet HTML 29Page - Microchip Technology MCP79402-I/ST Datasheet HTML 30Page - Microchip Technology MCP79402-I/ST Datasheet HTML 31Page - Microchip Technology MCP79402-I/ST Datasheet HTML 32Page - Microchip Technology MCP79402-I/ST Datasheet HTML 33Page - Microchip Technology MCP79402-I/ST Datasheet HTML 34Page - Microchip Technology MCP79402-I/ST Datasheet HTML 35Page - Microchip Technology MCP79402-I/ST Datasheet HTML 36Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 62 page
background image
MCP79400/MCP79401/MCP79402
DS20005009F-page 32
 2011-2016 Microchip Technology Inc.
5.7
Battery Backup
The MCP7940X features a backup power supply input
(VBAT) that can be used to provide power to the
timekeeping circuitry, RTCC registers, and SRAM while
primary power is unavailable. The MCP7940X will
automatically switch to backup power when VCC falls
below VTRIP, and back to VCC when it is above VTRIP.
The VBATEN bit must be set to enable the VBAT input.
The following functionality is maintained while
operating on backup power:
• Timekeeping
•Alarms
• Alarm Output
• Digital Trimming
• RTCC Register and SRAM Contents
The following features are not available while operating
on backup power:
•I2C Communication
• Square Wave Clock Output
• General Purpose Output
5.7.1
POWER-FAIL TIME-STAMP
The MCP7940X includes a power-fail time-stamp
module that stores the minutes, hours, date, and month
when primary power is lost and when it is restored
(Figure 5-8). The PWRFAIL bit is also set to indicate
that a power failure occurred.
To utilize the power-fail time-stamp feature, a backup
power supply must be available with the VBAT input
enabled, and the oscillator should also be running to
ensure accurate functionality.
FIGURE 5-8:
POWER-FAIL TIME-STAMP TIMING
Note:
Throughout this section, references to the
register and bit names for the Power-Fail
Time-Stamp module are referred to
generically by the use of ‘x’ in place of the
specific
module
name.
Thus,
“PWRxxMIN” might refer to the minutes
register for Power-Down or Power-Up.
Note 1:
The PWRFAIL bit must be cleared to log
new time-stamp data. This is to ensure
previous time-stamp data is not lost.
2:
Clearing the PWRFAIL bit will clear all
time-stamp registers.
Power-Down
Power-Up
Time-Stamp
Time-Stamp
VCC
VTRIP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com