Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP79402-I/ST Datasheet(PDF) 12 Page - Microchip Technology

Part # MCP79402-I/ST
Description  Battery-Backed I2C Real-Time Clock/Calendar with SRAM and Protected EEPROM
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP79402-I/ST Datasheet(HTML) 12 Page - Microchip Technology

Back Button MCP79402-I/ST Datasheet HTML 8Page - Microchip Technology MCP79402-I/ST Datasheet HTML 9Page - Microchip Technology MCP79402-I/ST Datasheet HTML 10Page - Microchip Technology MCP79402-I/ST Datasheet HTML 11Page - Microchip Technology MCP79402-I/ST Datasheet HTML 12Page - Microchip Technology MCP79402-I/ST Datasheet HTML 13Page - Microchip Technology MCP79402-I/ST Datasheet HTML 14Page - Microchip Technology MCP79402-I/ST Datasheet HTML 15Page - Microchip Technology MCP79402-I/ST Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 62 page
background image
MCP79400/MCP79401/MCP79402
DS20005009F-page 12
 2011-2016 Microchip Technology Inc.
TABLE 5-1:
DETAILED RTCC REGISTER MAP
Address Register Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Section 5.3 “Timekeeping”
00h
RTCSEC
ST
SECTEN2
SECTEN1
SECTEN0
SECONE3
SECONE2
SECONE1
SECONE0
01h
RTCMIN
—
MINTEN2
MINTEN1
MINTEN0
MINONE3
MINONE2
MINONE1
MINONE0
02h
RTCHOUR
—12/24
AM/PM
HRTEN1
HRTEN0
HRONE3
HRONE2
HRONE1
HRONE0
03h
RTCWKDAY
—
—
OSCRUN
PWRFAIL
VBATEN
WKDAY2
WKDAY1
WKDAY0
04h
RTCDATE
—
—
DATETEN1 DATETEN0 DATEONE3 DATEONE2 DATEONE1 DATEONE0
05h
RTCMTH
—
—
LPYR
MTHTEN0
MTHONE3
MTHONE2
MTHONE1
MTHONE0
06h
RTCYEAR
YRTEN3
YRTEN2
YRTEN1
YRTEN0
YRONE3
YRONE2
YRONE1
YRONE0
07h
CONTROL
OUT
SQWEN
ALM1EN
ALM0EN
EXTOSC
CRSTRIM
SQWFS1
SQWFS0
08h
OSCTRIM
SIGN
TRIMVAL6
TRIMVAL5
TRIMVAL4
TRIMVAL3
TRIMVAL2
TRIMVAL1
TRIMVAL0
09h
EEUNLOCK
Protected EEPROM Unlock Register (not a physical register)
Section 5.4 “Alarms”
0Ah
ALM0SEC
—
SECTEN2
SECTEN1
SECTEN0
SECONE3
SECONE2
SECONE1
SECONE0
0Bh
ALM0MIN
—
MINTEN2
MINTEN1
MINTEN0
MINONE3
MINONE2
MINONE1
MINONE0
0Ch
ALM0HOUR
—
12/24(2)
AM/PM
HRTEN1
HRTEN0
HRONE3
HRONE2
HRONE1
HRONE0
0Dh
ALM0WKDAY
ALMPOL
ALM0MSK2 ALM0MSK1 ALM0MSK0
ALM0IF
WKDAY2
WKDAY1
WKDAY0
0Eh
ALM0DATE
—
—
DATETEN1 DATETEN0 DATEONE3 DATEONE2 DATEONE1 DATEONE0
0Fh
ALM0MTH
—
—
—
MTHTEN0
MTHONE3
MTHONE2
MTHONE1
MTHONE0
10h
Reserved
Reserved – Do not use
Section 5.4 “Alarms”
11h
ALM1SEC
—
SECTEN2
SECTEN1
SECTEN0
SECONE3
SECONE2
SECONE1
SECONE0
12h
ALM1MIN
—
MINTEN2
MINTEN1
MINTEN0
MINONE3
MINONE2
MINONE1
MINONE0
13h
ALM1HOUR
—
12/24(2)
AM/PM
HRTEN1
HRTEN0
HRONE3
HRONE2
HRONE1
HRONE0
14h
ALM1WKDAY
ALMPOL(3) ALM1MSK2 ALM1MSK1 ALM1MSK0
ALM1IF
WKDAY2
WKDAY1
WKDAY0
15h
ALM1DATE
—
—
DATETEN1 DATETEN0 DATEONE3 DATEONE2 DATEONE1 DATEONE0
16h
ALM1MTH
—
—
—
MTHTEN0
MTHONE3
MTHONE2
MTHONE1
MTHONE0
17h
Reserved
Reserved – Do not use
Section 5.7.1 “Power-Fail Time-Stamp”
18h
PWRDNMIN
—
MINTEN2
MINTEN1
MINTEN0
MINONE3
MINONE2
MINONE1
MINONE0
19h
PWRDNHOUR
—12/24
AM/PM
HRTEN1
HRTEN0
HRONE3
HRONE2
HRONE1
HRONE0
1Ah
PWRDNDATE
—
—
DATETEN1 DATETEN0 DATEONE3 DATEONE2 DATEONE1 DATEONE0
1Bh
PWRDNMTH
WKDAY2
WKDAY1
WKDAY0
MTHTEN0
MTHONE3
MTHONE2
MTHONE1
MTHONE0
Section 5.7.1 “Power-Fail Time-Stamp”
1Ch
PWRUPMIN
—
MINTEN2
MINTEN1
MINTEN0
MINONE3
MINONE2
MINONE1
MINONE0
1Dh
PWRUPHOUR
—12/24
AM/PM
HRTEN1
HRTEN0
HRONE3
HRONE2
HRONE1
HRONE0
1Eh
PWRUPDATE
—
—
DATETEN1 DATETEN0 DATEONE3 DATEONE2 DATEONE1 DATEONE0
1Fh
PWRUPMTH
WKDAY2
WKDAY1
WKDAY0
MTHTEN0
MTHONE3
MTHONE2
MTHONE1
MTHONE0
Note 1:
Grey areas are unimplemented.
2:
The 12/24 bits in the ALMxHOUR registers are read-only and reflect the value of the 12/24 bit in the RTCHOUR
register.
3:
The ALMPOL bit in the ALM1WKDAY register is read-only and reflects the value of the ALMPOL bit in the
ALM0WKDAY register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com