Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP79402-I/ST Datasheet(PDF) 42 Page - Microchip Technology

Part # MCP79402-I/ST
Description  Battery-Backed I2C Real-Time Clock/Calendar with SRAM and Protected EEPROM
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP79402-I/ST Datasheet(HTML) 42 Page - Microchip Technology

Back Button MCP79402-I/ST Datasheet HTML 38Page - Microchip Technology MCP79402-I/ST Datasheet HTML 39Page - Microchip Technology MCP79402-I/ST Datasheet HTML 40Page - Microchip Technology MCP79402-I/ST Datasheet HTML 41Page - Microchip Technology MCP79402-I/ST Datasheet HTML 42Page - Microchip Technology MCP79402-I/ST Datasheet HTML 43Page - Microchip Technology MCP79402-I/ST Datasheet HTML 44Page - Microchip Technology MCP79402-I/ST Datasheet HTML 45Page - Microchip Technology MCP79402-I/ST Datasheet HTML 46Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 62 page
background image
MCP79400/MCP79401/MCP79402
DS20005009F-page 42
 2011-2016 Microchip Technology Inc.
FIGURE 6-12:
EUI-64 NODE ADDRESS PHYSICAL MEMORY MAP EXAMPLE (MCP79402)
F0h
F7h
24-bit Organizationally
Unique Identifier
40-bit Extension
Identifier
00h
04h
A3h
12h
34h
56h
Corresponding EUI-64™ Node Address:
00-04-A3-12-34-56-78-90
Description
Data
Array
Address
78h
90h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com