Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM4830 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4830
Description  Two-Way Audio Amplification System with Volume Control
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4830 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM4830 Datasheet HTML 1Page - National Semiconductor (TI) LM4830 Datasheet HTML 2Page - National Semiconductor (TI) LM4830 Datasheet HTML 3Page - National Semiconductor (TI) LM4830 Datasheet HTML 4Page - National Semiconductor (TI) LM4830 Datasheet HTML 5Page - National Semiconductor (TI) LM4830 Datasheet HTML 6Page - National Semiconductor (TI) LM4830 Datasheet HTML 7Page - National Semiconductor (TI) LM4830 Datasheet HTML 8Page - National Semiconductor (TI) LM4830 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Absolute Maximum Ratings (Note 2)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Supply Voltage
6.0V
Storage Temperature
−65˚C to +150˚C
Input Voltage
−0.3V to V
DD + 0.3V
Power Dissipation (Note 3)
Internally Limited
ESD Susceptibility (Note 4)
2000V
ESD Susceptibility (Note 5)
250V
Junction Temperature
150˚C
Soldering Information
Small Outline Package
Vapor Phase (60 sec.)
215˚C
Infrared (15 sec.)
220˚C
See AN-450
“Surface Mounting and their Effects on
Product Reliability” for other methods of soldering surface
mount devices.
Operating Ratings
Temperature Range
T
MIN ≤ TA ≤ TMAX
−40˚C
≤ T
A ≤ 85˚C
Supply Voltage
2.7V
≤ V
DD ≤ 5.5V
θ
JC (typ) — M24B
32˚C/W
θ
JA (typ) — M24B
79˚C/W
θ
JC (typ) — N24A
21˚C/W
θ
JA (typ) — N24A
61˚C/W
Electrical Characteristics (Notes 1, 2)
The following specifications apply for V
DD= 5V, unless otherwise specified. Limits apply for TA= 25˚C.
Symbol
Parameter
Conditions
LM4830
Units
(Limits)
Typical
Limit
(Note 6)
(Note 7)
POWER AMPLIFIER, A1
I
DD
Quiescent Power Supply Current
V
O = 0V, IO = 0A, RL = ∞
5.8
mA (min)
11.0
20.0
mA (max)
Bridged R
L = 8Ω
11.4
mA
HS = 5V, SD = 0V, V
O1 On Only
7.9
mA
I
SD
Shutdown Current
HS = 5V, SD = 5V, IC Off
0.5
2.0
µA (max)
V
OS
Output Offset Voltage
V
IN = 0V
0.7
50.0
mV (max)
e
IN
Input Noise
IHF-A Weighting Filter, R
S = 25Ω
Bridged Output, V
O1–VO2,RL = 8Ω
30
µV
Single-Ended Output, V
O1,RL = 32Ω
16
µV
P
O
Output Power, Bridged
THD = 1% (max); f = 1 kHz, R
L = 8Ω
1.15
1.0
W (min)
THD+N = 10%;f = 1 kHz, R
L = 8Ω
1.4
W
THD+N = 10%;f = 1 kHz, R
L = 4Ω
2W
THD
Total Harmonic Distortion
f = 1 kHz, Attenuation @ 0dB
P
O = 1.5W, RL = 4Ω
0.2
%
P
O = 1W, RL = 8Ω
0.2
%
V
O1 On Only, VO = 60 mV, RL = 32Ω
0.06
%
Attenuation Step Size Error
0 dB to −30 dB
±0.5
dB
Absolute Attenuation
Attenuation @ 0dB
±0.5
dB
Attenuation @ −30 dB
±1.0
dB
R
IN
Power Amp Input Resistance
40
k
Ω
DIGITAL INPUTS
V
IH
High Input Voltage
CMOS Compatible Only
4.5
V
V
IL
Low Input Voltage
CMOS Compatible Only
0.5
V
PREAMP, A2
R
IN
Mic1 and Mic2 Input Resistance
21.5
k
Ω
V
OS
Output Offset Voltage
V
IN = 0V
2.0
mV
e
IN
Input Noise
IHF-A Weighting Filter, R
S = 25Ω
1.3
10.0
µV (max)
THD
Total Harmonic Distortion
A
VCL = 100, VIN = 10 mVrms, f = 1 kHz
0.06
%
A
VCL = −1, PO = 50 mW, f = 1 kHz, RL =
32
Ω
0.02
(Refer to
Figure 2 )
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com