Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM4830 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4830
Description  Two-Way Audio Amplification System with Volume Control
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4830 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM4830 Datasheet HTML 1Page - National Semiconductor (TI) LM4830 Datasheet HTML 2Page - National Semiconductor (TI) LM4830 Datasheet HTML 3Page - National Semiconductor (TI) LM4830 Datasheet HTML 4Page - National Semiconductor (TI) LM4830 Datasheet HTML 5Page - National Semiconductor (TI) LM4830 Datasheet HTML 6Page - National Semiconductor (TI) LM4830 Datasheet HTML 7Page - National Semiconductor (TI) LM4830 Datasheet HTML 8Page - National Semiconductor (TI) LM4830 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
LM4830
Two-Way Audio Amplification System
with Volume Control
General Description
The LM4830 is an integrated solution for two-way audio am-
plification. It contains a bridge-connected audio power ampli-
fier capable of delivering 1W of continuous average power to
an 8
Ω load with less than 1% THD from a 5V power supply.
It also has the capability of driving 100 mW into a
single-ended 32
Ω impedance for headset operation. There
is a 30 dB attenuator in front of a bridged power amplifier
with 6 dB of gain. The attenuation is controlled through 4 bits
of parallel digital control; 15 steps of 2 dB each.
The device also contains a microphone preamp with two se-
lectable inputs. Mic2 is selected when HS is high and A1 is in
single-ended mode. Mic1 is selected when HS is low and A1
is in bridged mode. This configuration is optimum for switch-
ing between an internal system speaker and external head-
set with microphone. The device also incorporates a buffer
used for driving capacitive loads.
The LM4830 also provides a low-current consumption shut-
down mode making it optimally suited for low-power portable
systems. In addition, the device has an internal thermal shut-
down protection mechanism.
Key Specifications
n THD at 1W cont. avg PO into 8Ω:1% (max)
n Instantaneous peak output power:
1.4W
n Shutdown current:
0.5 µA (typ)
n Supply voltage range:
2.7V
≤ V
DD ≤ 5.5V
Features
n 4-bit digital control for 30 dB of volume attenuation
n Two selectable microphone inputs
n High performance microphone preamp
n Extra buffer for driving long cables
n No bootstrap capacitors or snubber circuits are
necessary
n Small Outline (SO) packaging
n Thermal shutdown protection circuitry
Applications
n Hands-free phone systems
n Mobile phone accessories
n Desktop conference phones
n Portable computers
n Teleconference computer applications
Connection Diagram
Dual-In-Line and
Small Outline Packages
DS012677-2
Top View
Order Number LM4830M
See NS Package Number M24B for SO
Order Number LM4830N
See NS Package Number N24A for DIP
January 1999
© 1999 National Semiconductor Corporation
DS012677
www.national.com


Similar Part No. - LM4830

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4831 NSC-LM4831 Datasheet
575Kb / 12P
Multimedia Computer Audio Chip
LM48310 NSC-LM48310 Datasheet
477Kb / 20P
Ultra-Low EMI, Filterless, 2.6W, Mono, Class D Audio Power Amplifier with E2S
logo
Texas Instruments
LM48310 TI-LM48310 Datasheet
1,013Kb / 22P
LM48310 Ultra-Low EMI, Filterless, 2.6W, Mono, Class D Audio Power Amplifier with E2S
LM48310 TI1-LM48310 Datasheet
1Mb / 23P
Ultra-Low EMI, Filterless, 2.6W, Mono, Class D Audio Power Amplifier with E2S
LM48310 TI2-LM48310 Datasheet
1Mb / 22P
LM48310 Ultra-Low EMI, Filterless, 2.6W, Mono, Class D Audio Power Amplifier with E2S
REVISED MAY 2013
More results

Similar Description - LM4830

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC7537N SANYO-LC7537N Datasheet
284Kb / 11P
Electronic Volume Control System for Audio Equipment
LC7538JM SANYO-LC7538JM Datasheet
283Kb / 13P
Electronic Volume Control System for Car Audio ?
logo
Burr-Brown (TI)
PGA2310 BURR-BROWN-PGA2310 Datasheet
322Kb / 16P
Stereo Audio Volume Control
logo
Texas Instruments
PGA2311 TI-PGA2311 Datasheet
594Kb / 10P
STEREO AUDIO VOLUME CONTROL
logo
Burr-Brown (TI)
PGA2311 BURR-BROWN-PGA2311_06 Datasheet
592Kb / 17P
Stereo Audio VOLUME CONTROL
PGA2310 BURR-BROWN-PGA2310_06 Datasheet
315Kb / 16P
Stereo Audio Volume Control
PGA2310 BURR-BROWN-PGA2310_08 Datasheet
381Kb / 17P
Stereo Audio Volume Control
logo
ON Semiconductor
LC75344MD ONSEMI-LC75344MD Datasheet
154Kb / 13P
Two-Channel Electronic Volume Control System
May, 2014
logo
Texas Instruments
PGA2310 TI1-PGA2310 Datasheet
961Kb / 24P
Stereo Audio Volume Control
PGA2311 TI1-PGA2311 Datasheet
924Kb / 21P
Stereo Audio Volume Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com