Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM4830 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4830
Description  Two-Way Audio Amplification System with Volume Control
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4830 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LM4830 Datasheet HTML 1Page - National Semiconductor (TI) LM4830 Datasheet HTML 2Page - National Semiconductor (TI) LM4830 Datasheet HTML 3Page - National Semiconductor (TI) LM4830 Datasheet HTML 4Page - National Semiconductor (TI) LM4830 Datasheet HTML 5Page - National Semiconductor (TI) LM4830 Datasheet HTML 6Page - National Semiconductor (TI) LM4830 Datasheet HTML 7Page - National Semiconductor (TI) LM4830 Datasheet HTML 8Page - National Semiconductor (TI) LM4830 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Electrical Characteristics (Notes 1, 2) (Continued)
The following specifications apply for V
DD= 5V, unless otherwise specified. Limits apply for TA= 25˚C.
Symbol
Parameter
Conditions
LM4830
Units
(Limits)
Typical
Limit
(Note 6)
(Note 7)
PREAMP, A2
Xtalk
Crosstalk
A
VCL = 100, Power Amp: PO = 1W,
R
L = 8Ω,f = 1 kHz
−72
dB
PSRR
Power Supply Rejection Ratio
V
DDAC = 0.5 VPP,f = 1 kHz
60
dB
MICROPHONE BUFFER, A3
R
IN
Buffer Input Resistance
17
k
Ω
V
OS
Output Offset Voltage
V
IN = 0V
2.0
mV
e
IN
Input Noise
IHF-A Weighting Filter, R
S = 25Ω
5.8
µV
THD
Total Harmonic Distortion
P
O = 50 mW, f = 1 kHz, RL = 32Ω
0.5
%
Xtalk
Crosstalk
Power Amp: P
O = 1W, RL = 8Ω,f = 1 kHz
−76
dB
Note 1: All voltages are measured with respect to the ground pins (Pins 2, 15, and 24), unless otherwise specified.
Note 2: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the device is func-
tional, but do not guarantee specific performance limits. Electrical Characteristics state DC and AC electrical specifications under particular test conditions which guar-
antee specific performance limits. This assumes that the device is within the Operating Ratings. Specifications are not guaranteed for parameters where no limit is
given, however, the typical value is a good indication of device performance.
Note 3: The maximum power dissipation must be derated at elevated temperatures and is dictated by TJMAX, θ JA, and the ambient temperature, TA. The maximum
allowable power dissipation is PDMAX = (TJMAX −T A)/θJA or the number given in the Absolute Maximum Ratings, whichever is lower. For the LM4830M, TJMAX =
+150˚C, and the typical junction-to-ambient thermal resistance, when board mounted, is 79˚C/W.
Note 4: Human body model, 100 pF discharged through a 1.5 k
Ω resistor.
Note 5: Machine model, 200 pF–240 pF discharged through all pins.
Note 6: Typicals are measured at 25˚C and represent the parametric norm.
Note 7: Limits are guarantees that all parts are tested in production to meet the stated values.
Timing Diagram
DS012677-3
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com