Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

S-8244AACFN-CECT2Z Datasheet(PDF) 11 Page - Seiko Instruments Inc

Part # S-8244AACFN-CECT2Z
Description  BATTERY PROTECTION IC FOR 1-SERIAL TO 4-SERIAL-CELL PACK
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-8244AACFN-CECT2Z Datasheet(HTML) 11 Page - Seiko Instruments Inc

Back Button S-8244AACFN-CECT2Z Datasheet HTML 7Page - Seiko Instruments Inc S-8244AACFN-CECT2Z Datasheet HTML 8Page - Seiko Instruments Inc S-8244AACFN-CECT2Z Datasheet HTML 9Page - Seiko Instruments Inc S-8244AACFN-CECT2Z Datasheet HTML 10Page - Seiko Instruments Inc S-8244AACFN-CECT2Z Datasheet HTML 11Page - Seiko Instruments Inc S-8244AACFN-CECT2Z Datasheet HTML 12Page - Seiko Instruments Inc S-8244AACFN-CECT2Z Datasheet HTML 13Page - Seiko Instruments Inc S-8244AACFN-CECT2Z Datasheet HTML 14Page - Seiko Instruments Inc S-8244AACFN-CECT2Z Datasheet HTML 15Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
BATTERY PROTECTION IC FOR 1-SERIAL TO 4-SERIAL-CELL PACK (SECONDARY PROTECTION)
Rev.6.4_02
S-8244 Series
11
(4) Test Condition 4, Test Circuit 1
Set switches 1 and 2 to OFF for CMOS output product.
Set switch 1 to ON and switch 2 to OFF for Nch open drain product.
Set switch 1 to OFF and switch 2 to ON for Pch open drain product.
• Product with CMOS output active “H”, Nch open drain output active “H”
The overcharge detection voltage 4 (VCU4) is a voltage at V4; when the CO pin’s voltage is set to “H” by increasing
V4 gradually, after setting V1 = V2 = V3 = V4 = 3.5 V. After that, gradually decreasing V4’s voltage to set CO = “L”,
and the difference of this V4’s voltage and VCU4 is the overcharge hysteresis voltage 4 (VCD4).
• Product with CMOS output active “L”, Nch open drain output active “L”, Pch open drain output active “L”
The overcharge detection voltage 4 (VCU4) is a voltage at V4; when the CO pin’s voltage is set to “L” by increasing
V4 gradually, after setting V1 = V2 = V3 = V4 = 3.5 V. After that, gradually decreasing V4’s voltage to set CO =
“H”, and the difference of this V4’s voltage and VCU4 is the overcharge hysteresis voltage 4 (VCD4).
(5) Test Condition 5, Test Circuit 2
Set switches 1 and 2 to OFF for CMOS output product.
Set switch 1 to ON and switch 2 to OFF for Nch open drain product.
Set switch 1 to OFF and switch 2 to ON for Pch open drain product.
• Product with CMOS output active “H”, Nch open drain output active “H”
Rise V1 to 4.7 V momentarily within 10
μs after setting V1 = V2 = V3 = V4 = 3.5 V. The period from V1 having
reached 4.7 V to CO = “H” is the overcharge detection delay time (tCU).
• Product with CMOS output active “L”, Nch open drain output active “L”, Pch open drain output active “L”
Rise V1 to 4.7 V momentarily within 10
μs after setting V1 = V2 = V3 = V4 = 3.5 V. The period from V1 having
reached 4.7 V to CO = “L” is the overcharge detection delay time (tCU).
(6) Test Condition 6, Test Circuit 3
Measure current consumption (I1) setting V1 = V2 = V3 = V4 = 2.3 V. This I1 is current consumption at power-down
(IPDN).
Measure current consumption (I1) setting V1 = V2 = V3 = V4 = 3.5 V. This I1 is current consumption during normal
operation (IOPE), I2 is the VC1 sink current (IVC1), I3 is the VC2 sink current (IVC2), I4 is the VC3 sink current (IVC3).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com