Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

S-8244AACFN-CECT2Z Datasheet(PDF) 12 Page - Seiko Instruments Inc

Part # S-8244AACFN-CECT2Z
Description  BATTERY PROTECTION IC FOR 1-SERIAL TO 4-SERIAL-CELL PACK
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-8244AACFN-CECT2Z Datasheet(HTML) 12 Page - Seiko Instruments Inc

Back Button S-8244AACFN-CECT2Z Datasheet HTML 8Page - Seiko Instruments Inc S-8244AACFN-CECT2Z Datasheet HTML 9Page - Seiko Instruments Inc S-8244AACFN-CECT2Z Datasheet HTML 10Page - Seiko Instruments Inc S-8244AACFN-CECT2Z Datasheet HTML 11Page - Seiko Instruments Inc S-8244AACFN-CECT2Z Datasheet HTML 12Page - Seiko Instruments Inc S-8244AACFN-CECT2Z Datasheet HTML 13Page - Seiko Instruments Inc S-8244AACFN-CECT2Z Datasheet HTML 14Page - Seiko Instruments Inc S-8244AACFN-CECT2Z Datasheet HTML 15Page - Seiko Instruments Inc S-8244AACFN-CECT2Z Datasheet HTML 16Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 32 page
background image
BATTERY PROTECTION IC FOR 1-SERIAL TO 4-SERIAL-CELL PACK (SECONDARY PROTECTION)
S-8244 Series
Rev.6.4_02
12
(7) Test Condition 7, Test Circuit 4
Measure setting switch 1 to OFF and switch 2 to ON.
• Product with CMOS output active “H”
Decrease V6 from VCC gradually after setting V1 = V2 = V3 = V4 = 4.6 V, the V6’s voltage when flowing I2 =
−10
μA is the VCO(H) voltage.
Increase V6 from 0 V gradually after setting V1 = V2 = V3 = V4 = 3.5 V, the V6’s voltage when flowing I2 = 10
μA
is the VCO(L) voltage.
• Product with CMOS output active “L”
Decrease V6 from VCC gradually after setting V1 = V2 = V3 = V4 = 3.5 V, the V6’s voltage when flowing I2 =
−10
μA is the VCO(H) voltage.
Increase V6 from 0 V gradually after setting V1 = V2 = V3 = V4 = 4.6 V, the V6’s voltage when flowing I2 = 10
μA
is the VCO(L) voltage.
• Product with Pch open drain output active “L”
Decrease V6 from VCC gradually after setting V1 = V2 = V3 = V4 = 3.5 V, the V6’s voltage when flowing I2 =
−10
μA is the VCO(H) voltage.
• Product with Nch open drain output active “H”
Increase V6 from 0 V gradually after setting V1 = V2 = V3 = V4 = 3.5 V, the V6’s voltage when flowing I2 = 10
μA
is the VCO(L) voltage.
• Product with Nch open drain output active “L”
Increase V6 from 0 V gradually after setting V1 = V2 = V3 = V4 = 4.6 V, the V6’s voltage when flowing I2 = 10
μA
is the VCO(L) voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com