| Electronic Components Datasheet Search |
|
S-8244AACFN-CECT2Z Datasheet(PDF) 14 Page - Seiko Instruments Inc |
|
|
|||||||||||||||||||||||||||||
S-8244AACFN-CECT2Z Datasheet(HTML) 14 Page - Seiko Instruments Inc |
|
14 / 32 page ![]() BATTERY PROTECTION IC FOR 1-SERIAL TO 4-SERIAL-CELL PACK (SECONDARY PROTECTION) S-8244 Series Rev.6.4_02 14 Operation Remark Refer to “ Battery Protection IC Connection Example”. 1. Overcharge Detection • Product with CMOS output active “H”, Nch open drain output active “H” During charging in the normal status, the voltage of one of the batteries exceeds overcharge detection voltage (VCU), and this status is maintained for overcharge detection delay time (tCU) or longer, CO gets “H”. This is overcharge status. Connecting an FET to the CO pin enables charge-control and the second protect. In this case, the IC maintains the overcharge status until the voltage of each of the batteries decreases, to the overcharge hysteresis voltage (VCD) from the overcharge detection voltage (VCU). • Product with CMOS output active “L”, Nch open drain output active “L”, Pch open drain output active “L” During charging in the normal status, the voltage of one of the batteries exceeds overcharge detection voltage (VCU), and this status is maintained for overcharge detection delay time (tCU) or longer, CO gets “L”. This is overcharge status. Connecting an FET to the CO pin enables charge-control and the second protect. In this case, the IC maintains the overcharge status until the voltage of each of the batteries decreases, to the overcharge hysteresis voltage (VCD) from the overcharge detection voltage (VCU). 2. Delay Circuit The delay circuit rapidly charges the capacitor connected to the delay capacitor connection pin up to a specified voltage when the voltage of one of the batteries exceeds the overcharge detection voltage (VCU). Then, the delay circuit gradually discharges the capacitor at 100 nA and inverts the CO output when the voltage at the delay capacitor connection pin goes below a specified level. Overcharge detection delay time (tCU) varies depending upon the external capacitor. Each delay time is calculated using the following equation. Min. Typ. Max. tCU[s] = Delay Coefficient (10, 15, 20) × CICT [μF] Because the delay capacitor is rapidly charged, the smaller the capacitance, the larger the difference between the maximum voltage and the specified value of delay capacitor pin (ICT pin). This will cause a deviation between the calculated delay time and the resultant delay time. Also, delay time is internally set in this IC to prevent the CO output from inverting until the charge to delay capacitor pin is reached to the specified voltage. If large capacitance is used, output may be enabled without delay time because charge is disabled within the internal delay time. Please note that the maximum capacitance connected to the delay capacitor pin (ICT pin) is 1 μF. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |