Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM4865 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM4865
Description  750 mW Audio Power Amplifier with DC Volume Control and Headphone Switch
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4865 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM4865 Datasheet HTML 1Page - National Semiconductor (TI) LM4865 Datasheet HTML 2Page - National Semiconductor (TI) LM4865 Datasheet HTML 3Page - National Semiconductor (TI) LM4865 Datasheet HTML 4Page - National Semiconductor (TI) LM4865 Datasheet HTML 5Page - National Semiconductor (TI) LM4865 Datasheet HTML 6Page - National Semiconductor (TI) LM4865 Datasheet HTML 7Page - National Semiconductor (TI) LM4865 Datasheet HTML 8Page - National Semiconductor (TI) LM4865 Datasheet HTML 9Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
External Components Description
(
Figure 1 )
Components
Functional Description
1.
C
i
Input coupling capacitor which blocks the DC voltage at the amplifier’s input terminals. It also creates a
highpass filter with the internal R
i. The designer should note that10kOhm<(Ri)<110kOhm.Therefore fc =
1/(2
πR
iCi). Refer to the section, Proper Selection of External Components, for an explanation of how to
determine the value of C
i.
2.
C
S
Supply bypass capacitor which provides power supply filtering. Refer to the Power Supply Bypassing
section for information concerning proper placement and selection of the supply bypass capacitor.
3.
C
B
Bypass pin capacitor which provides half-supply filtering. Refer to the section, Proper Selection of
External Components, for information concerning proper placement and selection of C
B.
Typical Performance Characteristics
THD+N vs Frequency
DS101025-5
THD+N vs Frequency
DS101025-6
THD+N vs Output Power
DS101025-7
THD+N vs Output Power
DS101025-8
THD+N vs Output Power
DS101025-9
THD+N vs Output Power
DS101025-10
THD+N vs Output Power
DS101025-11
Power Dissipation vs Load
Resistance
DS101025-12
Power Dissipation vs Output Power
DS101025-13
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com