Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM4865 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM4865
Description  750 mW Audio Power Amplifier with DC Volume Control and Headphone Switch
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4865 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LM4865 Datasheet HTML 1Page - National Semiconductor (TI) LM4865 Datasheet HTML 2Page - National Semiconductor (TI) LM4865 Datasheet HTML 3Page - National Semiconductor (TI) LM4865 Datasheet HTML 4Page - National Semiconductor (TI) LM4865 Datasheet HTML 5Page - National Semiconductor (TI) LM4865 Datasheet HTML 6Page - National Semiconductor (TI) LM4865 Datasheet HTML 7Page - National Semiconductor (TI) LM4865 Datasheet HTML 8Page - National Semiconductor (TI) LM4865 Datasheet HTML 9Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Typical Performance Characteristics (Continued)
Application Information
BRIDGE CONFIGURATION EXPLANATION
As shown in
Figure 1 , the LM4865 has two operational am-
plifiers internally, allowing for a few different amplifier con-
figurations. The first amplifier’s gain is DC voltage controlled,
while the second amplifier is internally fixed in a unity-gain,
inverting configuration. The closed-loop gain of the first am-
plifier is set by an external DC voltage (refer to (
Figure 1),
while the second amplifier’s gain is fixed by the two internal
20 k
Ω resistors.
Figure 1 shows that the output of amplifier one serves as the
input to amplifier two which results in both amplifiers produc-
ing signals identical in magnitude, but out of phase 180˚.
By driving the load differentially through outputs V
O1 and
V
O2, an amplifier configuration commonly referred to as
“bridged mode” is established. Bridged mode operation is
different from the classical single-ended amplifier configura-
tion where one side of its load is connected to ground.
A bridge amplifier design has a few distinct advantages over
the single-ended configuration, as it provides differential
drive to the load, thus doubling output swing for a specified
supply voltage. Four times the output power is possible as
compared to a single-ended amplifier under the same condi-
tions. This increase in attainable output assumes that the
amplifier is not current limited or clipped. In order to choose
an amplifier’s closed-loop gain without causing excessive
clipping, please refer to the Audio Power Amplifier Design
section.
THD+N vs Output Power
DS101025-23
THD+N vs Output Power
DS101025-24
THD+N vs Output Power
DS101025-28
Output Power vs Load Resistance
DS101025-29
Clipping Voltage vs Supply Voltage
DS101025-30
Output Power vs Supply Voltage
DS101025-31
Output Power vs Supply Voltage
DS101025-32
Supply Current vs Supply Voltage
DS101025-33
www.national.com
5



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com