Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM4865 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM4865
Description  750 mW Audio Power Amplifier with DC Volume Control and Headphone Switch
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4865 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM4865 Datasheet HTML 1Page - National Semiconductor (TI) LM4865 Datasheet HTML 2Page - National Semiconductor (TI) LM4865 Datasheet HTML 3Page - National Semiconductor (TI) LM4865 Datasheet HTML 4Page - National Semiconductor (TI) LM4865 Datasheet HTML 5Page - National Semiconductor (TI) LM4865 Datasheet HTML 6Page - National Semiconductor (TI) LM4865 Datasheet HTML 7Page - National Semiconductor (TI) LM4865 Datasheet HTML 8Page - National Semiconductor (TI) LM4865 Datasheet HTML 9Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
LM4865
750 mW Audio Power Amplifier with DC Volume Control
and Headphone Switch
General Description
The LM4865 is a mono bridged audio power amplifier with
DC volume control, capable of delivering 750 mW of continu-
ous average power into an 8
Ω load with less than 1% THD
from a 5V power supply. Switching between bridged speaker
mode and headphone (single ended) mode is accomplished
via a headphone sense pin. In addition, LM4865 is set into
low current consumption shutdown mode (0.7 µA typical) by
lowering the DC Vol/SD pin to below 0.3V.
Boomer audio power amplifiers are designed specifically to
provide high power audio output, with quality sound, from a
low supply voltage source while requiring the minimal
amount of external components.
Applications
n GSM phones and accessories, DECT, office phones
n Hand held radio
n Other portable audio devices
Key Specifications
n PO at 1.0% THD+N into 8Ω (SOP): 750 mW (typ)
n PO at 10% THD+N into 8Ω (SOP): 1W (typ)
n Shutdown Current: 0.7 µA (typ)
Features
n DC volume control
n Headphone amplifier mode
n “Click and pop” suppression
n Shutdown control when volume control pin is low
n Thermal shutdown protection
Typical Application
Connection Diagram
BOOMER™ is a trademark of National Semiconductor Corporation.
DS101025-1
FIGURE 1. Typical Audio Amplifier
Application Circuit
MSOP, SOP Package
DS101025-2
Top View
Order Number LM4865M, LM4865MM
See NS Package Number M08A, MUA08A
December 1999
© 1999 National Semiconductor Corporation
DS101025
www.national.com


Similar Part No. - LM4865

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM4865 TI2-LM4865 Datasheet
1Mb / 30P
LM4865 750 mW Audio Power Amplifier with DC Volume Control and Headphone Switch
REVISED MAY 2013
LM4865M/NOPB TI1-LM4865M/NOPB Datasheet
1Mb / 25P
LM4865 750 mW Audio Power Amplifier with DC Volume Control and Headphone Switch
LM4865M/NOPB TI2-LM4865M/NOPB Datasheet
1Mb / 30P
LM4865 750 mW Audio Power Amplifier with DC Volume Control and Headphone Switch
REVISED MAY 2013
LM4865M/NOPB.A TI2-LM4865M/NOPB.A Datasheet
1Mb / 30P
LM4865 750 mW Audio Power Amplifier with DC Volume Control and Headphone Switch
REVISED MAY 2013
LM4865MM/NOPB TI1-LM4865MM/NOPB Datasheet
1Mb / 25P
LM4865 750 mW Audio Power Amplifier with DC Volume Control and Headphone Switch
More results

Similar Description - LM4865

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4875 NSC-LM4875 Datasheet
673Kb / 13P
750 mW Audio Power Amplifier with DC Volume Control and Headphone Switch
LM4682 NSC-LM4682 Datasheet
1Mb / 21P
10 Watt Stereo CLASS D Audio Power Amplifier with Stereo Headphone Amplifier and DC Volume Control
logo
Texas Instruments
TPA6130A2 TI-TPA6130A2 Datasheet
1Mb / 26P
138-mW DIRECTPATH STEREO HEADPHONE AMPLIFIER WITH I2C VOLUME CONTROL
TPA6130A2 TI-TPA6130A2_07 Datasheet
1Mb / 26P
138-mW DIRECTPATH STEREO HEADPHONE AMPLIFIER WITH I2C VOLUME CONTROL
TPA6130A2_0701 TI-TPA6130A2_0701 Datasheet
1Mb / 29P
138-mW DIRECTPATH STEREO HEADPHONE AMPLIFIER WITH I2C VOLUME CONTROL
logo
TEXAS ADVANCED OPTOELEC...
TPA6130A2 TAOS-TPA6130A2 Datasheet
1Mb / 28P
138-mW DIRECTPATH??STEREO HEADPHONE AMPLIFIER WITH I2C VOLUME CONTROL
logo
Power Analog Micoelectr...
PAM8007 PAM-PAM8007 Datasheet
968Kb / 16P
Filterless 3W Class-D Stereo Audio Amplifier with DC Volume Control and Headphone Output
logo
Texas Instruments
LM4865MX TI1-LM4865MX Datasheet
1Mb / 25P
LM4865 750 mW Audio Power Amplifier with DC Volume Control and Headphone Switch
LM4875 TI-LM4875_15 Datasheet
1Mb / 21P
750 mW Audio Power Amplifier with DC Volume Control and Headphone Switch
TPA6130A2 TI1-TPA6130A2_17 Datasheet
1Mb / 39P
138-mW DIRECTPATH Stereo Headphone Amplifier with I2C Volume Control
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com