Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AB-RTCMC-32.7KHZ-ZIZE-S2 Datasheet(PDF) 4 Page - Abracon Corporation

Part # AB-RTCMC-32.7KHZ-ZIZE-S2
Description  Real Time Clock Module with SPI Bus
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

AB-RTCMC-32.7KHZ-ZIZE-S2 Datasheet(HTML) 4 Page - Abracon Corporation

  AB-RTCMC-32.7KHZ-ZIZE-S2 Datasheet HTML 1Page - Abracon Corporation AB-RTCMC-32.7KHZ-ZIZE-S2 Datasheet HTML 2Page - Abracon Corporation AB-RTCMC-32.7KHZ-ZIZE-S2 Datasheet HTML 3Page - Abracon Corporation AB-RTCMC-32.7KHZ-ZIZE-S2 Datasheet HTML 4Page - Abracon Corporation AB-RTCMC-32.7KHZ-ZIZE-S2 Datasheet HTML 5Page - Abracon Corporation AB-RTCMC-32.7KHZ-ZIZE-S2 Datasheet HTML 6Page - Abracon Corporation AB-RTCMC-32.7KHZ-ZIZE-S2 Datasheet HTML 7Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
AB-RTCMC-32.768kHz-ZIZE-S2
Real Time Clock Module with SPI Bus
5.0 x 3.2 x 1.2 mm
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
ABRACON IS
ISO 9001 : 2008
CERTIFIED
30332Esperanza, Rancho Santa Margarita, California 92688
tel 949-546-8000| fax 949-546-8001 | www.abracon.com
Revised: 02.06.13
Visit www.abracon.com for Terms & Conditions of Sale
Pb RoHS/RoHS II compliant
Dynamic Characteristics SPI-Bus
VSS=0V; TAMB=-40°C ~+85°C; All timing values are valid within the operating supply voltage range and references to VIL and
VIH with an input voltage swing from VSS and VDD.
Parameters
VDD=1.6V
VDD=2.4V
VDD=3.3V
VDD=5.0V
Units
Notes
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.
SCL Clock
Frequency
(fclk (SCL))
2.9
4.54
5.71
8.0
MHz
SCL Time
(tSCL)
345
220
175
125
ns
Clock HIGH
Time (tclk(H))
90
50
45
40
ns
Clock LOW
Time (tclk(L))
200
120
95
70
ns
Rise Time
100
100
50
50
ns
For SCL signal
Fall Time
100
100
50
50
ns
For SCL signal
CE Setup Time
40
35
30
25
ns
CE Hold Time
40
30
25
15
ns
CE Recovery
Time
30
25
20
15
ns
CE Pulse
Width
0.99
0.99
0.99
0.99
s
Measured after valid
subaddress is received
Setup Time
10
5
3
2
ns
Setup time ofr SDI
data
Hold Time
25
10
8
5
ns
Hold time for SDI
data
SDO Read
Delay Time
190
108
85
60
ns
Bus load = 50pF
SDO Disable
Time
70
45
40
27
ns
No load value;
bus will be held up by
bus-capacitance;
use RC time constant
with application
values
Transition
Time SDI to
SDO
0
0
0
0
ns
To avoid bus conflict



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com