Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AB-RTCMC-32.7KHZ-ZIZE-S2 Datasheet(PDF) 5 Page - Abracon Corporation

Part # AB-RTCMC-32.7KHZ-ZIZE-S2
Description  Real Time Clock Module with SPI Bus
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

AB-RTCMC-32.7KHZ-ZIZE-S2 Datasheet(HTML) 5 Page - Abracon Corporation

  AB-RTCMC-32.7KHZ-ZIZE-S2 Datasheet HTML 1Page - Abracon Corporation AB-RTCMC-32.7KHZ-ZIZE-S2 Datasheet HTML 2Page - Abracon Corporation AB-RTCMC-32.7KHZ-ZIZE-S2 Datasheet HTML 3Page - Abracon Corporation AB-RTCMC-32.7KHZ-ZIZE-S2 Datasheet HTML 4Page - Abracon Corporation AB-RTCMC-32.7KHZ-ZIZE-S2 Datasheet HTML 5Page - Abracon Corporation AB-RTCMC-32.7KHZ-ZIZE-S2 Datasheet HTML 6Page - Abracon Corporation AB-RTCMC-32.7KHZ-ZIZE-S2 Datasheet HTML 7Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
AB-RTCMC-32.768kHz-ZIZE-S2
Real Time Clock Module with SPI Bus
5.0 x 3.2 x 1.2 mm
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
ABRACON IS
ISO 9001 : 2008
CERTIFIED
30332Esperanza, Rancho Santa Margarita, California 92688
tel 949-546-8000| fax 949-546-8001 | www.abracon.com
Revised: 02.06.13
Visit www.abracon.com for Terms & Conditions of Sale
PART IDENTIFICATIONS:
Recommended Land Pattern
OUTLINE DIMENSIONS:
PIN DESCRIPTIONS:
Pb RoHS/RoHS II compliant
Dimensions: mm
AB-RTCMC-32.768 kHz-ZIZE-S2-
Packaging
Blank: Bulk
T: 1000pcs/reel
Pin No.
Pin Name
Function
1
VDD
Positive supply voltage; positive or negative steps in supply voltage may affect oscillator
performance, recommend 10 nF decoupling capacitor close to device
2
CLKOUT
Clock Output pin; open-drain
3
SCL
Serial Clock Input pin; may float when CE inactive
4
SDI
Serial Data Input pin; may float when CE inactive
5
SDO
Serial Data Output pin; push-pull; high-impedance when not driving; can be connected to
SDI for single-wire data line.
6
VSS
Ground
7
CE
Chip Enable input; active HIGH; with internal pull-down
8
Interrupt output pin; open-drain; active LOW
9
NC
Not Connected
10
CLKOE
CLKOUT enable/disable pin; enable is active HIGH



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com