Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AB-RTCMC-32.7KHZ-ZIZE-S2 Datasheet(PDF) 1 Page - Abracon Corporation

Part # AB-RTCMC-32.7KHZ-ZIZE-S2
Description  Real Time Clock Module with SPI Bus
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

AB-RTCMC-32.7KHZ-ZIZE-S2 Datasheet(HTML) 1 Page - Abracon Corporation

  AB-RTCMC-32.7KHZ-ZIZE-S2 Datasheet HTML 1Page - Abracon Corporation AB-RTCMC-32.7KHZ-ZIZE-S2 Datasheet HTML 2Page - Abracon Corporation AB-RTCMC-32.7KHZ-ZIZE-S2 Datasheet HTML 3Page - Abracon Corporation AB-RTCMC-32.7KHZ-ZIZE-S2 Datasheet HTML 4Page - Abracon Corporation AB-RTCMC-32.7KHZ-ZIZE-S2 Datasheet HTML 5Page - Abracon Corporation AB-RTCMC-32.7KHZ-ZIZE-S2 Datasheet HTML 6Page - Abracon Corporation AB-RTCMC-32.7KHZ-ZIZE-S2 Datasheet HTML 7Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
AB-RTCMC-32.768kHz-ZIZE-S2
Real Time Clock Module with SPI Bus
5.0 x 3.2 x 1.2 mm
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
ABRACON IS
ISO 9001 : 2008
CERTIFIED
30332Esperanza, Rancho Santa Margarita, California 92688
tel 949-546-8000| fax 949-546-8001 | www.abracon.com
Revised: 02.06.13
Visit www.abracon.com for Terms & Conditions of Sale
Moisture Sensitivity Level: MSL=1
APPLICATIONS:
FEATURES:
STANDARD SPECIFICATIONS:
• With state-of-the-art RTC Technology by Micro Crystal AG
• RTC module with built-in “Tuning Fork” crystal oscillating at 32.768 kHz
• Ultra low power consumption: 130nA typ @ VDD = 3.0V / Tamb = 25°C
• Wide clock operating voltage: 1.1 – 5.5V
• Wide Interface operating voltage: 1.6 – 5.5V
• User programmable Frequency Offset Compensation Register for improved
time accuracy
• 4-wire SPI-Interface with a maximum data rate of 6.25 Mbits/s.
• Provides year, month, day, weekday, hours, minutes, seconds
• Alarm and Timer functions, internal low-voltage detector, power-on reset and
watchdog function.
• Open-drain Interrupt and programmable CLKOUT pins for peripheral devices
(32.768kHz down to 1Hz)
• Small and compact package-size of 5.0 x 3.2 x 1.2mm, RoHS-compliant and
100% lead-free.
Pb RoHS/RoHS II compliant
• Wide range in communication & measuring equipment
• Commercial & Industrial applications
• Automotive electronics applications
• Wireless communications
• PDA and Palm Pilots
• Credit Cards with Security Technology
Absolute Maximum Ratings
Parameters
Min.
Typ.
Max.
Units
Notes
Power Supply Voltage (VDD)
GND-0.5
+6.5
V
>GND / <VDD
Supply Current (IDD; ISS)
-50
+50
mA
VDD Pin
Input Voltage (VI)
GND-0.5
VDD +0.5
V
Input Pin
Output Voltage (VO)
GND-0.5
VDD +0.5
V
CLKOUT
/
INT
DC Input Current (II)
-10
+10
mA
DC Output Current (IO)
-10
+10
mA
Total Power Dissipation (PTOT)
300
mW
Operating Temperature Range (TOPR)
-40
+85
ºC
Storage Temperature (TSTO)
-55
+125
ºC
Stored as bare product
Frequency and Time Characteristics
VDD=3.0V; VSS=0V; TAMB=+25°C; fOSC=32.768kHz
Parameters
Min.
Typ.
Max.
Units
Notes
Frequency Accuracy (∆F/F)
±10
±20
ppm
TAMB=+25°C; VDD=3.0V
Frequency vs Voltage (∆F/V)
±0.8
±1.0
ppm/V
TAMB=+25°C; VDD=1.8~5.5V
Frequency vs Temperature (∆F/TOPR)
-0.035ppm/°C2 *(TOPR-TO)2*
±10%
ppm
Treference=+25°C; VDD=3.0V
Turnover Temperature (TO)
+20
+25
+30
°C
m
p
p
3
+
3
-
)
r
a
e
y
t
s
ri
f
(
g
n
i
g
A
TAMB=+25°C
Start-up Time (TSTART)
500
1000
ms
VDD=3.0V
CLKOUT duty cycle
40
50
60
%
TAMB=+25°C
Achievable Time Accuracy with
Correct Frequency-Offset
Compensation (∆T/T)
±3 1)
±5 2)
ppm
1) Based on customer set correct Frequency Offset Compensation in “normal” mode
2) Based on customer set correct Frequency Offset Compensation in “coarse” mode


Similar Part No. - AB-RTCMC-32.7KHZ-ZIZE-S2

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
AB-RTCMC-32.7KHZ-AIGZ-S7 ABRACON-AB-RTCMC-32.7KHZ-AIGZ-S7 Datasheet
9Mb / 7P
Real Time Clock Module with I2C Bus
01.08.14
AB-RTCMC-32.7KHZ-B5ZE-S3 ABRACON-AB-RTCMC-32.7KHZ-B5ZE-S3 Datasheet
2Mb / 7P
Real Time Clock Module with I2C Bus
02.05.13
AB-RTCMC-32.7KHZ-EOA9-S3 ABRACON-AB-RTCMC-32.7KHZ-EOA9-S3 Datasheet
2Mb / 9P
DTCXO Temperature Compensated Real-Time-Clock Module with SPI bus
02.05.13
AB-RTCMC-32.7KHZ-EOZ9-S3 ABRACON-AB-RTCMC-32.7KHZ-EOZ9-S3 Datasheet
3Mb / 10P
DTCXO Temperature Compensated Real Time Clock Module with I2C Bus
02.05.13
More results

Similar Description - AB-RTCMC-32.7KHZ-ZIZE-S2

ManufacturerPart #DatasheetDescription
logo
MICORO CRYSTAL SWITZERL...
RV-2123-C2 MICROCRYSTAL-RV-2123-C2 Datasheet
373Kb / 2P
Real Time Clock Module with SPI Bus
RV-2123-C2 MICROCRYSTAL-RV-2123-C2_16 Datasheet
373Kb / 2P
Real Time Clock Module with SPI Bus
RV-3049-C2 MICROCRYSTAL-RV-3049-C2_16 Datasheet
441Kb / 2P
Real Time Clock Module with SPI-Bus
RV-3049-C3 MICROCRYSTAL-RV-3049-C3_16 Datasheet
401Kb / 2P
Real Time Clock Module with SPI-Bus
RV-8063-C7 MICROCRYSTAL-RV-8063-C7_16 Datasheet
311Kb / 2P
Real Time Clock Module with SPI Bus
RV-2123-C2 MICROCRYSTAL-RV-2123-C2_18 Datasheet
1Mb / 2P
Real-Time Clock Module with SPI-Bus
RV-3049-C2 MICROCRYSTAL-RV-3049-C2_18 Datasheet
1Mb / 2P
Real-Time Clock Module with SPI-Bus
RV-3149-C3 MICROCRYSTAL-RV-3149-C3 Datasheet
1Mb / 2P
Real-Time Clock Module with SPI-Bus
RV-8063-C7 MICROCRYSTAL-RV-8063-C7_18 Datasheet
998Kb / 2P
Real Time Clock Module with SPI-Bus
logo
Abracon Corporation
AB-RTCMC-32.768KHZ-ZIZE ABRACON-AB-RTCMC-32.768KHZ-ZIZE Datasheet
2Mb / 7P
Real Time Clock Module with SPI Bus
11.28.2018
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com