Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ULV1012G-07-AG6-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # ULV1012G-07-AG6-R
Description  CMOS IC
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

ULV1012G-07-AG6-R Datasheet(HTML) 2 Page - Unisonic Technologies

  ULV1012G-07-AG6-R Datasheet HTML 1Page - Unisonic Technologies ULV1012G-07-AG6-R Datasheet HTML 2Page - Unisonic Technologies ULV1012G-07-AG6-R Datasheet HTML 3Page - Unisonic Technologies ULV1012G-07-AG6-R Datasheet HTML 4Page - Unisonic Technologies ULV1012G-07-AG6-R Datasheet HTML 5Page - Unisonic Technologies ULV1012G-07-AG6-R Datasheet HTML 6Page - Unisonic Technologies ULV1012G-07-AG6-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
ULV1012
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
2 of 7
www.unisonic.com.tw
QW-R107-073.a
MARKING INFORMATION
PACKAGE
VOLTAGE GAIN
MARKING
SOT-26
07: 7. 8dB
15: 15.6dB
20: 20dB
25: 23.8dB
PIN CONFIGURATION
6
5
4
1
2
3
GND
NC
GND
INPUT
NC
OUTPUT
Note: Pin numbers are referenced to package marking text orientation.
The actual physical placement of the package marking will vary slightly from part to part.
The package will designate the date code and will vary considerably. Package marking does not correlate to
device type in any way.
PIN DESCRIPTION
PIN NO.
PIN NAME
DESCRIPTION
1, 4
NC
2, 5
GND
Ground
3
OUTPUT
Output Voltage
6
INPUT
Input Voltage



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com